Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL5162/KG/MP1S Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SL5162/KG/MP1S
Description  Multistandard VHF and UHF Television Demodulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL5162/KG/MP1S Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SL5162/KG/MP1S Datasheet HTML 1Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 2Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 3Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 4Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 5Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 6Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 7Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 8Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2
SL5162
ELECTRICAL CHARACTERISTICS
TAMB = 125°C (operating range 210°C to180°C), VCC = 15V, (operating range14·5 to15·5V). Max and Min values are
guaranteed by either production test or design. They apply within the specified temperature and supply voltage ranges unless
otherwise stated.
Supply Voltage
Supply current
Video Input
Video input level (VP)
Eff. white clip level (VC)
Input impedance
Video bandwidth 21 dB
2
3dB
Video SNR weighted
Differential gain
Differential phase
Line tilt (black level)
Clamp accuracy
Audio Input
Input impedance
Audio bandwidth (21dB)
Subcarrier frequency
FM THD
Intercarrier Input
Input level
FM Performance
Audio input for 100%
deviation (635kHz)
FM deviation sensitivity
Max frequency deviation
AM Performance Audio
Modulation depth
Audio SNR (wideband)
RF Output
Peak vision carrier:
SECAM (L)
PAL
Flatness band 470-860MHz
APLD
White Level, Nominal
Negative modulation
Sync Tip
Negative modulation
Positive modulation
Sync degradation (1ve mod)
Characteristic
Typ.
Conditions
4·5
0·5
10
25
60
15
4
250
.
46
12
45
1·0
1·17
100
62
6
2
6
2
25
0·5
140
100
0·7
80
83
84
17
100
6
1
5·5
53
1·5
6
5
6
5
0·5
5
7
1·0
2
6
2
22
Units
Min.
Max.
V
mA
Vp-p
Vp-p
V
k
Ω
MHz
MHz
dB
%
deg
%
mV
k
Ω
kHz
MHz
%
mVp-p
mVp-p
kHz/mV
kHz
%
dB
dB
µV
dB
µV
dB
%
%
%
%
%
VP = sync to white level, AGC disabled (note 1)
VP = sync to white level, AGC enabled
VC = sync to limit level (note 2)
Except for duration of clamp pulse
CCIR Rec 451-1 (note 3), mono sound system
Dependent upon video input clamp capacitor
VP=1·0V D (black level with and without input video)
Determined by external components.
In demodulated signal. Input signal =1 kHz sinewave
at 635kHz deviation
To define 222dBC (peak carrier)
At device input
Audio input 1kHz sinewave
No pre-emphasis, dependent on external
components
Input = 200mVp-p at 1kHz
VP = 1·0V, sync = 0·3V
Differential 75
Ω output
APL 10-90%
Relative to peak vision carrier (PVC), VP = 1·0V,
all systems (note 4)
All systems
Pin
Value
3, 12
3, 12
19
11
13
11
11
1, 2
1, 2
1,2
DSYNC1(16
3 3
100)
S
W
7
3
NOTES
1. This is the nominal input level to provide the preset video modulation index for the selected standard. Any variation from the
nominal level will change the RF modulation index.
2. The actual clip level is set relative to the input video level. The level of 1·17V only applies if the video input signal is correctly
proportioned. The white clip circuit operates only when the AGC is disabled.
3. Measured at CH38 with R&S EMFP demodulator and UAF Video Analyser.
4. Measured at CH21 with R&S EMFP reference demodulator and UAF Video Analyser. Synchronous demodulation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com