Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL5162/KG/MP1S Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # SL5162/KG/MP1S
Description  Multistandard VHF and UHF Television Demodulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL5162/KG/MP1S Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button SL5162/KG/MP1S Datasheet HTML 2Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 3Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 4Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 5Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 6Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 7Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 8Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 9Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 10Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
7
SL5162
IC2
SL5162
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
150n
680n
56p 500kHz
75
VIDEO
I/P
RF
O/P
100p
100p
75
1
5V
AUDIO
I/P
1
µ
IC1
SP5611
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
5V
10n
47n
22k
220n
BCW31
10k
22k
10n
220n
1
30V
1
5V
100p
SDA
SCL
18p
4MHz
100p
22k
10n
10n
10n
1·5p
1·5p
1·5p
1·5p
2T
1T
100p
5·6p
47k
BB
515
150p
47
µ
33n
5·6
µH
Figure 6 PAL (mono) application
Prescaler outputs
RF oscillator
AGC
Sound tank
50
50
1
2
VCC
1mA
7
4
VCC
VCC
5
6
VREF
120
120
5k
5k
VCC
1k
1k
9
10
20
VCC
VCC
Figure 7 I/O interface circuits
contd…



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com