Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8024 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8024
Description  IC card interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8024 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8024 Datasheet HTML 2Page - NXP Semiconductors TDA8024 Datasheet HTML 3Page - NXP Semiconductors TDA8024 Datasheet HTML 4Page - NXP Semiconductors TDA8024 Datasheet HTML 5Page - NXP Semiconductors TDA8024 Datasheet HTML 6Page - NXP Semiconductors TDA8024 Datasheet HTML 7Page - NXP Semiconductors TDA8024 Datasheet HTML 8Page - NXP Semiconductors TDA8024 Datasheet HTML 9Page - NXP Semiconductors TDA8024 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
2004 July 12
6
Philips Semiconductors
Product specification
IC card interface
TDA8024
7
PINNING
Note
1. The noise margin on VCC will be higher with the 220 nF capacitor.
SYMBOL
PIN
TYPE
DESCRIPTION
CLKDIV1
1
I
CLK frequency selection input 1
CLKDIV2
2
I
CLK frequency selection input 2
5V/3V
3
I
card supply voltage selection input; VCC = 5 V (HIGH) or VCC = 3 V (LOW)
PGND
4
S
DC/DC converter power supply ground
S2
5
I/O
DC/DC converter capacitor; connected between pins S1 and S2; C = 100 nF with
ESR < 100 m
Ω
VDDP
6
S
DC/DC converter power supply voltage
S1
7
I/O
DC/DC converter capacitor; connected between pins S1 and S2; C = 100 nF with
ESR < 100 m
Ω
VUP
8
I/O
DC/DC converter output decoupling capacitor connection; C = 100 nF with
ESR < 100 mW must be connected between VUP and PGND
PRES
9
I
card presence contact input (active LOW); if PRES or PRES is active, the card is
considered ‘present’ and a built-in debounce feature of 8 ms (typ.) is activated
PRES
10
I
card presence contact input (active HIGH); if PRES or PRES is active, the card is
considered ‘present’ and a built-in debounce feature of 8 ms (typ.) is activated
I/O
11
I/O
data line to/from card reader contact C7; integrated 11 k
Ω pull-up resistor to VCC
AUX2
12
I/O
data line to/from card reader contact C8; integrated 11 k
Ω pull-up resistor to VCC
AUX1
13
I/O
data line to/from card reader contact C4; integrated 11 k
Ω pull-up resistor to VCC
CGND
14
S
card signal ground
CLK
15
I/O
card clock to/from card reader contact C3
RST
16
O
card reset output from card reader contact C2
VCC
17
S
card supply voltage to card reader contact C1; decoupled to CGND via 2
× 100 nF
or 100 + 220 nF capacitors with ESR < 100 m
Ω; note 1
PORADJ
18
I
Power-on reset threshold adjustment input for changing the reset threshold with
an external resistor bridge; doubles the width of the POR pulse when used; this
pin is not connected for the TDA8024AT
CMDVCC
19
I
input from the host to start activation sequence (active LOW)
RSTIN
20
I
card reset input from the host
VDD
21
S
supply voltage
GND
22
S
ground
OFF
23
O
NMOS interrupt output to the host (active LOW); 20 k
Ω integrated pull-up resistor
to VDD
XTAL1
24
I
crystal connection or input for external clock
XTAL2
25
O
crystal connection (leave open-circuit if external clock source is used)
I/OUC
26
I/O
host data I/O line; integrated 11 k
Ω pull-up resistor to VDD
AUX1UC
27
I/O
auxiliary data line to/from the host; integrated 11 k
Ω pull-up resistor to VDD
AUX2UC
28
I/O
auxiliary data line to/from the host; integrated 11 k
Ω pull-up resistor to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com