Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8024 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8024
Description  IC card interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8024 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8024 Datasheet HTML 9Page - NXP Semiconductors TDA8024 Datasheet HTML 10Page - NXP Semiconductors TDA8024 Datasheet HTML 11Page - NXP Semiconductors TDA8024 Datasheet HTML 12Page - NXP Semiconductors TDA8024 Datasheet HTML 13Page - NXP Semiconductors TDA8024 Datasheet HTML 14Page - NXP Semiconductors TDA8024 Datasheet HTML 15Page - NXP Semiconductors TDA8024 Datasheet HTML 16Page - NXP Semiconductors TDA8024 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
2004 July 12
13
Philips Semiconductors
Product specification
IC card interface
TDA8024
8.7
Active mode
When the activation sequence is completed, the TDA8024
will be in its active mode. Data is exchanged between the
card and the microcontroller via the I/O lines. The
TDA8024 is designed for cards without VPP (the voltage
required to program or erase the internal non-volatile
memory).
8.8
Deactivation sequence
When a session is completed, the microcontroller sets the
CMDVCC line HIGH. The circuit then executes an
automatic deactivation sequence by counting the
sequencer back and finishing in the inactive mode (see
Fig.9):
1. RST goes LOW (t10).
2. CLK is held LOW (t12 =t10 + 0.5 × T) where T is 64
times the period of the internal oscillator
(approximately 25
µs).
3. I/O, AUX1 and AUX2 are pulled LOW (t13 =t10 + T).
4. VCC starts to fall towards zero (t14 =t10 + 1.5 × T).
5. The deactivation sequence is complete at tde, when
VCC reaches its inactive state.
6. VUP falls to zero (t15 =t10 + 5T) and all card contacts
become low-impedance to GND; I/OUC, AUX1UC and
AUX2UC remain at VDD (pulled-up via a 11 kΩ
resistor).
7. The internal oscillator returns to its lower frequency.
handbook, full pagewidth
RST
CMDVCC
CLK
I/O
VUP
VCC
t15
t14
t13
t12
MDB056
tde
t10
Fig.9 Deactivation sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com