Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8024 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8024
Description  IC card interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8024 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8024 Datasheet HTML 14Page - NXP Semiconductors TDA8024 Datasheet HTML 15Page - NXP Semiconductors TDA8024 Datasheet HTML 16Page - NXP Semiconductors TDA8024 Datasheet HTML 17Page - NXP Semiconductors TDA8024 Datasheet HTML 18Page - NXP Semiconductors TDA8024 Datasheet HTML 19Page - NXP Semiconductors TDA8024 Datasheet HTML 20Page - NXP Semiconductors TDA8024 Datasheet HTML 21Page - NXP Semiconductors TDA8024 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
2004 July 12
18
Philips Semiconductors
Product specification
IC card interface
TDA8024
DC/DC converter
fCLK
clock frequency
card active
2.2
−
3.2
MHz
Vth(vd-vf)
threshold voltage for
voltage doubler to change
to voltage follower
5 V card
5.2
5.8
6.2
V
3 V card
3.8
4.1
4.4
V
VUP(av)
output voltage on pin VUP
(average value)
VCC = 5 V
5.2
5.7
6.2
V
VCC =3V; VDDP = 3.3 V
3.5
3.9
4.3
V
Card supply voltage (pin VCC); note 3
CVCC
external capacitance on
pin VCC
note 4
80
−
400
nF
VCC
card supply voltage
(including ripple voltage)
5 V card
card inactive;
ICC =0mA
−0.1
0
+0.1
V
card inactive;
ICC =1mA
−0.1
0
+0.3
V
card active;
ICC < 80 mA
4.75
5.0
5.25
V
card active; single current
pulse, Ip = −100 mA,
tp =2ms
4.65
5.0
5.25
V
card active; current pulses,
Ip = 40 nAs
4.65
5.0
5.25
V
card active; current pulses,
Ip = 40 nAs with
ICC < 200 mA, tp < 400 ns
4.65
5.0
5.25
V
3 V card
card inactive;
ICC =0mA
−0.1
0
+0.1
V
card inactive;
ICC =1mA
−0.1
0
+0.3
V
card active;
ICC < 65 mA
2.85
3.0
3.15
V
card active; single current
pulse Ip = −100 mA;
tp =2ms
2.76
3.0
3.20
V
card active; current pulses,
Ip = 40 nAs
2.76
3.0
3.20
V
card active; current pulses,
Ip = 40 nAs with
ICC < 200 mA, tp < 400 ns
2.76
3.0
3.20
V
VCC(ripple)(p-p) ripple voltage on VCC
(peak to peak value)
fripple = 20 kHz to 200 MHz
−−
350
mV
ICC
card supply current
VCC =0to 5V
−−
80
mA
VCC =0to 3V
−−
65
mA
VCC short-circuit to GND
100
120
150
mA
SR
slew rate
slew up or down
0.08
0.15
0.22
V/
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com