Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS2016-EVAL Datasheet(PDF) 1 Page - Abracon Corporation

Part # AFS2016-EVAL
Description  AFS20 series SAW Filter Evaluation Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFS2016-EVAL Datasheet(HTML) 1 Page - Abracon Corporation

  AFS2016-EVAL Datasheet HTML 1Page - Abracon Corporation AFS2016-EVAL Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AFS2016-Eval
ASVMP
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Low Jitter
High Performance
Moisture Sensitivity Level – N/A Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 01.26.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
DESCRIPTION:
AFS20 Evaluation boards are designed to provide a means to assess the performance of AFS20 series of SAW
Band Pass Filters. The board is designed with a provision for matching components on both input and output
ports of the filter.
To complete the electrical path, resistors R1 & R2 are in-circuit with 0Ω value. The land pattern for C1 C2,
C3 & C4, along with the land pattern for R1 & R2 can be used to create a matching circuit using a combination
of inductors and capacitors as desired.
By default, the AFS20 series of SAW Band Pass Filters are designed into a matched impedance of 50Ω’s, so
these evaluation boards can be used as received. Simply solder down the AFS20 series of filter on the
provided land pattern, and connect the Input and Output ports, using SMA to BNC or SMA to N-Type
connectors to a Network Analyzer.
OUTLINE DIMENSIONS
OPTIONS AND PART IDENTIFICATION
AFS20 series SAW Filter Evaluation Board
26.75 x 42.6 mm
AFS2016-EVAL
26.75mm
45.8mm
42.6mm


Similar Part No. - AFS2016-EVAL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS20 ABRACON-AFS20 Datasheet
403Kb / 1P
SURFACE MOUNT 2017.50MHz SAW FILTER
AFS20-2D ABRACON-AFS20-2D Datasheet
403Kb / 1P
SURFACE MOUNT 2017.50MHz SAW FILTER
AFS20-EVAL ABRACON-AFS20-EVAL Datasheet
2Mb / 2P
AFS20 series SAW Filter Evaluation Board
01.26.15
AFS20A02-1575.42-T2 ABRACON-AFS20A02-1575.42-T2 Datasheet
1Mb / 4P
Surface Mount 1575.42MHz SAW Filter
02.01.12
AFS20A02-1575.42-T3 ABRACON-AFS20A02-1575.42-T3 Datasheet
1Mb / 4P
Surface Mount 1575.42MHz SAW Filter
04.16.13
More results

Similar Description - AFS2016-EVAL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
logo
Abracon Corporation
AFS1410-EVAL ABRACON-AFS1410-EVAL Datasheet
2Mb / 2P
AFS14 series SAW Filter Evaluation Board
01.23.15
AFS20-EVAL ABRACON-AFS20-EVAL Datasheet
2Mb / 2P
AFS20 series SAW Filter Evaluation Board
01.26.15
ABSTS5A2-EVAL ABRACON-ABSTS5A2-EVAL Datasheet
390Kb / 3P
ABSTS5A2 series SAW Filter Evaluation Board
06-10-21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com