Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM16LR64JFN Datasheet(PDF) 5 Page - Texas Instruments

Part # TM16LR64JFN
Description  SYNCHRONOUS DYNAMIC RAM MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM16LR64JFN Datasheet(HTML) 5 Page - Texas Instruments

  TM16LR64JFN Datasheet HTML 1Page - Texas Instruments TM16LR64JFN Datasheet HTML 2Page - Texas Instruments TM16LR64JFN Datasheet HTML 3Page - Texas Instruments TM16LR64JFN Datasheet HTML 4Page - Texas Instruments TM16LR64JFN Datasheet HTML 5Page - Texas Instruments TM16LR64JFN Datasheet HTML 6Page - Texas Instruments TM16LR64JFN Datasheet HTML 7Page - Texas Instruments TM16LR64JFN Datasheet HTML 8Page - Texas Instruments TM16LR64JFN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TM8LR64JFN 8 388 608 BY 64BIT
TM16LR64JFN 16 777 216 BY 64BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS710 − MAY 1998
5
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
functional block diagram for the TM16LR64JFN
8
R
DQ[0:7]
DQ[0:7]
8
DQ[0:7]
CS
U0
CS
U4
R
S0
DQMB0
DQMB4
DQ[32:39]
DQM
DQM
RAS
RAS: U[0:7], UB[0:7]
CK0†
CK: U0, U4
CK: U1, U5
SPD EEPROM
SA0
SA1
SA2
A0
A1
A2
SDA
8
DQ[0:7]
8
CS
U1
CS
U5
R
R
DQMB1
DQ[8:15]
DQMB5
DQ[40:47]
DQM
DQ[0:7]
DQM
R = 10
Ω
RC = 10 Ω
8
DQ[0:7]
8
CS
U2
CS
U6
R
R
S2
DQMB2
DQ[16:23]
DQMB6
DQ[48:55]
DQM
DQ[0:7]
DQM
8
DQ[0:7]
8
CS
U3
CS
U7
R
R
DQMB3
DQ[24:31]
DQMB7
DQ[56:63]
DQM
DQ[0:7]
DQM
CAS
CAS: U[0:7], UB[0:7]
CKE0
CKE: U[0:7]
WE
WE: U[0:7], UB[0:7]
A[0:13]
A[0:13]: U[0:7], UB[0:7]
RC
RC
VDD
VSS
U[0:7]
U[0:7]
CK1†
CK: UB0, UB4
CK: UB1, UB5
RC
RC
S1
S3
DQ[0:7]
CS
UB0
DQM
CS
UB1
DQM
DQ[0:7]
DQ[0:7]
CS
UB2
DQM
CS
UB3
DQM
DQ[0:7]
DQ[0:7]
CS
UB4
DQM
CS
UB5
DQM
DQ[0:7]
DQ[0:7]
CS
UB6
DQM
CS
UB7
DQM
DQ[0:7]
CKE1
CKE: UB[0:7]
10 k
Ω
VDD
CK2†
CK: U2, U6
CK: U3, U7
RC
RC
CK3†
CK: UB2, UB6
CK: UB3, UB7
RC
RC
SCL
WP
47 k
Ω
One 0.1
µF and
One 0.01
µF
† Additional 3.3 pF capacity is used to balance loads among clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com