Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM16LR64JFN Datasheet(PDF) 6 Page - Texas Instruments

Part # TM16LR64JFN
Description  SYNCHRONOUS DYNAMIC RAM MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM16LR64JFN Datasheet(HTML) 6 Page - Texas Instruments

Back Button TM16LR64JFN Datasheet HTML 2Page - Texas Instruments TM16LR64JFN Datasheet HTML 3Page - Texas Instruments TM16LR64JFN Datasheet HTML 4Page - Texas Instruments TM16LR64JFN Datasheet HTML 5Page - Texas Instruments TM16LR64JFN Datasheet HTML 6Page - Texas Instruments TM16LR64JFN Datasheet HTML 7Page - Texas Instruments TM16LR64JFN Datasheet HTML 8Page - Texas Instruments TM16LR64JFN Datasheet HTML 9Page - Texas Instruments TM16LR64JFN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TM8LR64JFN 8 388 608 BY 64BIT
TM16LR64JFN 16 777 216 BY 64BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS710 − MAY 1998
6
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
absolute maximum ratings over ambient temperature range (unless otherwise noted)†
Supply voltage range, VDD
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range on any pin (see Note 1)
− 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Short-circuit output current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation: TM8LR64JFN
8 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TM16LR64JFN
16 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ambient temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
− 55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage
3
3.3
3.6
V
VSS
Supply voltage
0
V
VIH
High-level input voltage
2
VDD + 0.3
V
VIH-SPD High-level input voltage for SPD device
2
5.5
V
VIL
Low-level input voltage
−0.3
0.8
V
TA
Ambient temperature
0
70
°C
capacitance
over recommended ranges of supply voltage and ambient temperature,
f = 1 MHz (see Note 2)‡
PARAMETER
’xLR64JFN
UNIT
PARAMETER
MIN
MAX
UNIT
Ci(CK)
Input capacitance, CK input
2.5
4
pF
Ci(AC)
Input capacitance, address and control inputs: A0 − A13, RAS, CAS, WE
2.5
5
pF
Ci(CKE)
Input capacitance, CKE input
5
pF
Co
Output capacitance
4
6.5
pF
Ci(DQMBx)
Input capacitance, DQMBx input
2.5
5
pF
Ci(Sx)
Input capacitance, Sx input
2.5
5
pF
Ci/o(SDA)
SDA input/output capacitance
9
pF
Ci(SPD)
Input capacitance, SA0, SA1, SA2, SCL inputs
7
pF
‡ Specifications in this table represent a single SDRAM device.
NOTE 2: VDD = 3.3 V ± 0.3 V. Bias on pins under test is 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com