Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM16LR64JFN Datasheet(PDF) 7 Page - Texas Instruments

Part # TM16LR64JFN
Description  SYNCHRONOUS DYNAMIC RAM MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM16LR64JFN Datasheet(HTML) 7 Page - Texas Instruments

Back Button TM16LR64JFN Datasheet HTML 3Page - Texas Instruments TM16LR64JFN Datasheet HTML 4Page - Texas Instruments TM16LR64JFN Datasheet HTML 5Page - Texas Instruments TM16LR64JFN Datasheet HTML 6Page - Texas Instruments TM16LR64JFN Datasheet HTML 7Page - Texas Instruments TM16LR64JFN Datasheet HTML 8Page - Texas Instruments TM16LR64JFN Datasheet HTML 9Page - Texas Instruments TM16LR64JFN Datasheet HTML 10Page - Texas Instruments TM16LR64JFN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TM8LR64JFN 8 388 608 BY 64BIT
TM16LR64JFN 16 777 216 BY 64BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS710 − MAY 1998
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of supply voltage and ambient temperature
(unless otherwise noted) (see Note 3)†
PARAMETER
TEST CONDITIONS
’xLR64JFN-8
’xLR64JFN-8A
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNIT
VOH
High-level output voltage
IOH = − 2 mA
2.4
2.4
V
VOL
Low-level output voltage
IOL = 2 mA
0.4
0.4
V
II
Input current (leakage)
0 V
≤ VI ≤ VDD + 0.3 V,
All other pins = 0 V to VDD
"10
"10
µA
IO
Output current (leakage)
0 V
≤ VO ≤ VDD + 0.3 V, Output disabled
"10
"10
µA
ICC1
Operating current
Burst length = 1,
tRC ≥ tRC MIN,
CAS latency = 2
115
95
mA
ICC1
Operating current
tRC ≥ tRC MIN,
IOH/IOL = 0 mA
(See Notes 4, 5, and 6)
CAS latency = 3
125
95
mA
ICC2P
Precharge standby current in
CKE
≤ VIL MAX, tCK = 15 ns (see Note 7)
1
1
ICC2PS
Precharge standby current in
power-down mode
CKE and CK
≤ VIL MAX, tCK = ∞
(see Note 8)
1
1
mA
ICC2N
Active standby current in
CKE
≥ VIH MIN, tCK = 15 ns (see Note 7)
40
40
mA
ICC2NS
Active standby current in
non-power-down mode
tCK = ∞ (see Note 8)
5
5
mA
ICC3P
Active standby current in
CKE
≤ VIL MAX, tCK = 15 ns
(see Notes 4 and 7)
5
5
mA
ICC3PS
Active standby current in
power-down mode
CKE and CK
≤ VIL MAX, tCK = ∞
(see Notes 4 and 8)
5
5
mA
ICC3N
Precharge standby current in
CKE
≥ VIH MIN,
tCK = 15 ns (see Notes 4 and 7)
50
50
ICC3NS
Precharge standby current in
non-power-down mode
CKE
≥ VIH MIN,
CK
≤ VIL MAX, tCK = ∞
(see Notes 4 and 8)
10
10
mA
ICC4
Burst current
Page burst,
IOH/IOL = 0 mA
All banks activated,
CAS latency = 2
165
120
mA
ICC4
Burst current
OH OL
All banks activated,
nCCD = one cycle
(see Notes 9 and 10)
CAS latency = 3
225
165
mA
ICC5
Auto-refresh current
tRC ≤ tRC MIN
CAS latency = 2
150
150
mA
ICC5
Auto-refresh current
tRC ≤ tRC MIN
(see Notes 5 and 8)
CAS latency = 3
150
150
mA
ICC6
Self-refresh current
CKE
≤ VIL MAX
1
1
mA
† Specifications in this table represent a single SDRAM device.
NOTES:
3. All specifications apply to the device after power-up initialization. All control and address inputs must be stable and valid.
4. Only one bank is activated.
5. tRC ≥ tRCMIN
6. Control and address inputs change state twice during tRC.
7. Control and address inputs change state once every 30 ns.
8. Control and address inputs do not change state (stable).
9. Control and address inputs change state once every cycle.
10. Continuous burst access, nCCD = 1 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com