Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33991DH/R2 Datasheet(PDF) 5 Page - Motorola, Inc

Part # PC33991DH/R2
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991DH/R2 Datasheet(HTML) 5 Page - Motorola, Inc

  PC33991DH/R2 Datasheet HTML 1Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 2Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 3Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 4Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 5Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 6Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 7Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 8Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33991
5
STATIC ELECTRICAL CHARACTERISTICS
(Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40° C < TJ < 150° C, unless otherwise noted)
Characteristic
Symbol
Min
Nom
Max
Unit
Power Input
Supply Voltage Range
Fully Operational
VPWR
6.5
—
26.0
V
VPWR Supply Current
(Gauge 1 & 2 outputs On, no output loads)
IPWR(on)
—
4.0
6.0
mA
VPWR Supply Current (all Outputs Disabled)
(Reset = logic 0, VDD =5 V)
(Reset = logic 0, VDD =0 V)
IPWRslp1
IPWRslp2
—
42
15
60
25
µA
Over voltage Detection Level (Note1)
VPWROV
26
32
38
V
Under voltage Detection Level (Note2)
VPWRUV
5.0
5.6
6.2
V
Logic Supply Voltage Range (5 V nominal supply)
VDD
4.5
5.0
5.5
V
Under VDD Logic Reset
VDDUV
—
—
4.5
V
VDD Supply Current (Sleep: Reset logic 0)
IDD(off)
—
40
65
µA
VDD Supply Current (Outputs Enabled)
IDD(on)
—
1
1.8
mA
Notes:
1.
Outputs will disable and must be re-enabled via the PECR command.
2.
Outputs remain active; however, the reduction in drive voltage may result in a loss of position control.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com