Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33991DH/R2 Datasheet(PDF) 6 Page - Motorola, Inc

Part # PC33991DH/R2
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991DH/R2 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button PC33991DH/R2 Datasheet HTML 2Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 3Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 4Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 5Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 6Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 7Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 8Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 9Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
33991
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
6
Characteristic
Symbol
Min
Norm
Max
Unit
Power Outputs
Microstep Output (measured across coil outputs)
Sin0,1,+/- (Cos0,1,+/-) (see Pin Functions)
Rout = 200
Ω
Steps 6,18 (0,12)
Steps 5,7,17,19 (1,11,13,23)
Steps 4,8.16,20 (2,10,14,22)
Steps 3, 9,15,21 (3,9,15,21)
Steps 2,10,14,22 (4,8,16,20)
Steps 1,11,13,23 (5,7,17,19)
Steps 0,12 (6,18)
Vst6
Vst5
Vst4
Vst3
Vst2
Vst1
Vst0
4.9
0.94xVst6
0.84xVst6
0.69xVst6
0.47xVst6
0.23xVst6
-0.1
5.3
0.97xVst6
0.87xVst6
0.71xVst6
0.50xVst6
0.26xVst6
0
6.0
1.00xVst6
0.94xVst6
0.79xVst6
0.57xVst6
0.31xVst6
0.1
V
Full step Active Output (measured across coil outputs)
Sin0,1, ± (Cos0,1, ±) (see 5-4)
Steps 1,3 (0,2)
VFS
4.9
5.3
6.0
V
Microstep, Full Step Output (measured from coil low side to ground)
Sin0,1, ± (Cos0,1, ±) IOUT =30mA
VLS
0
0.1
0.3
V
Output Flyback Clamp (Note3)
VFB
—
Vst1+0.5
Vst1+1.0
V
Output Current Limit (Out=Vstp6)
ILIM
40
100
170
mA
Over temperature Shutdown
OTSD
155
—
180
°C
Over temperature Hysteresis (Note3)
OTHYS
8
—
16
°C
Notes:
3.
Not 100 percent tested.
STATIC ELECTRICAL CHARACTERISTICS
(Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40° C < TJ < 150° C, unless otherwise noted)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com