Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33991DH/R2 Datasheet(PDF) 7 Page - Motorola, Inc

Part # PC33991DH/R2
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991DH/R2 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button PC33991DH/R2 Datasheet HTML 3Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 4Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 5Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 6Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 7Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 8Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 9Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 10Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33991
7
Characteristic
Symbol
Min
Typ
Max
Unit
Control I/O
Input Logic High Voltage (Note4)
VIH
2.0
—
—
V
Input Logic Low Voltage (Note4)
VIL
—
—
0.8
V
Input Logic Voltage Hysteresis (Note5)
Vin(hyst)
—
100
—
mV
Input Logic Pull Down Current (SI, SCLK)
Idwn
3
—
20
µA
Input Logic Pull-Up Current (CS,RST)
Iup
5
—
20
µA
SO High State Output Voltage (IOH = 1.0 mA)
VSOH
0.8VDD
—
—
V
SO Low State Output Voltage (IOL = -1.6 mA)
VSOL
—
0.2
0.4
V
SO Tri-State Leakage Current (CS
≥ 3.5 V)
SOLK
-5
0
5
µA
Input Capacitance (Note6)
Cin
—
4
12
pF
SO Tri-State Capacitance (Note6)
CSO
—
—
20
pF
Notes:
4.
VDD =5V
5.
Not Production Tested; guaranteed by design.
6.
Capacitance not measured; guaranteed by design.
STATIC ELECTRICAL CHARACTERISTICS
(Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40° C < TJ < 150° C, unless otherwise noted)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com