Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3008T/2K Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3008T/2K
Description  LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3008T/2K Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM3008T/2K Datasheet HTML 8Page - Texas Instruments PCM3008T/2K Datasheet HTML 9Page - Texas Instruments PCM3008T/2K Datasheet HTML 10Page - Texas Instruments PCM3008T/2K Datasheet HTML 11Page - Texas Instruments PCM3008T/2K Datasheet HTML 12Page - Texas Instruments PCM3008T/2K Datasheet HTML 13Page - Texas Instruments PCM3008T/2K Datasheet HTML 14Page - Texas Instruments PCM3008T/2K Datasheet HTML 15Page - Texas Instruments PCM3008T/2K Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
PCM3008
SLAS332 – APRIL 2001
12
www.ti.com
function control
The PCM3008 has the following functions which are controlled by PDAD (pin 13), PDDA (pin 14), DEM0 (pin
6) and DEM1 (pin 7).
power-down control
PDAD: ADC power-down control pin places the ADC portion in the lowest power consumption mode. The ADC
operation is stopped by disabling the clock and bias to the ADC portion, and DOUT is forced to zero during ADC
power-down mode. Figure 7 illustrates the ADC DOUT response for ADC power-down ON/OFF. This does not
affect the DAC operation.
PDAD
ADC OPERATION MODE
Low
ADC power down mode enable
High
ADC power down mode disable
PDDA: DAC power-down control pin places the DAC portion in the lowest power consumption mode. The DAC
operation is stopped by disabling the clock and bias to the DAC portion, and VOUT is forced to VCOM (0.5 VCC)
during DAC power-down mode. Figure 7 illustrates the DAC VOUT response for DAC power-down ON/OFF. This
does not affect the ADC operation.
PDDA
DAC OPERATION MODE
Low
DAC power down mode enable
High
DAC power down mode disable
PDAD = low and PDDA = low places PCM3008 into reset state and either PDAD = high or PDDA = high returns
PCM3008 to operational state.
de-emphasis control
DEM1, DEM0: DAC de-emphasis control pins select the de-emphasis mode as shown below.
DEM1
DEM0
DE-EMPHASIS MODE
Low
Low
De-emphasis 44.1 kHz ON
Low
High
De-emphasis OFF
High
Low
De-emphasis 48 kHz ON
High
High
De-emphasis 32 kHz ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com