Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3008T/2K Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3008T/2K
Description  LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3008T/2K Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM3008T/2K Datasheet HTML 14Page - Texas Instruments PCM3008T/2K Datasheet HTML 15Page - Texas Instruments PCM3008T/2K Datasheet HTML 16Page - Texas Instruments PCM3008T/2K Datasheet HTML 17Page - Texas Instruments PCM3008T/2K Datasheet HTML 18Page - Texas Instruments PCM3008T/2K Datasheet HTML 19Page - Texas Instruments PCM3008T/2K Datasheet HTML 20Page - Texas Instruments PCM3008T/2K Datasheet HTML 21Page - Texas Instruments PCM3008T/2K Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
PCM3008
SLAS332 – APRIL 2001
18
www.ti.com
TYPICAL CHARACTERISTICS
–140
–120
–100
–80
–60
–40
–20
0
0
5
10
15
20
f – Frequency – kHz
OUTPUT SPECTRUM
–0.5 dB,
N = 8192
Figure 20
Figure 21
ADC
DAC
–140
–120
–100
–80
–60
–40
–20
0
0
5
10
15
20
f – Frequency – kHz
OUTPUT SPECTRUM
0 dB,
N = 8192
–140
–120
–100
–80
–60
–40
–20
0
0
5
10
15
20
f – Frequency – kHz
OUTPUT SPECTRUM
–60 dB,
N = 8192
Figure 22
Figure 23
–140
–120
–100
–80
–60
–40
–20
0
05
10
15
20
f – Frequency – kHz
OUTPUT SPECTRUM
–60 dB,
N = 8192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com