Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3008T/2K Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3008T/2K
Description  LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3008T/2K Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM3008T/2K Datasheet HTML 12Page - Texas Instruments PCM3008T/2K Datasheet HTML 13Page - Texas Instruments PCM3008T/2K Datasheet HTML 14Page - Texas Instruments PCM3008T/2K Datasheet HTML 15Page - Texas Instruments PCM3008T/2K Datasheet HTML 16Page - Texas Instruments PCM3008T/2K Datasheet HTML 17Page - Texas Instruments PCM3008T/2K Datasheet HTML 18Page - Texas Instruments PCM3008T/2K Datasheet HTML 19Page - Texas Instruments PCM3008T/2K Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
PCM3008
SLAS332 – APRIL 2001
16
www.ti.com
TYPICAL CHARACTERISTICS
ADC
–88
–86
–84
–82
–80
–78
30
35
40
45
50
TOTAL HARMONIC DISTORTION PLUS NOISE AT –0.5 dB
vs
SAMPLING FREQUENCY
fs – Sampling Frequency – kHz
Figure 12
Figure 13
fs – Sampling Frequency – kHz
DYNAMIC RANGE AND SNR
vs
SAMPLING FREQUENCY
82
84
86
88
90
92
30
35
40
45
50
SNR
Dynamic Range
DAC
–92
–90
–88
–86
–84
–82
–50
–25
0
25
50
75
100
TOTAL HARMONIC DISTORTION PLUS NOISE AT 0 dB
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
Figure 14
Figure 15
86
88
90
92
94
96
–50
–25
0
25
50
75
100
SNR
Dynamic Range
DYNAMIC RANGE AND SNR
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com