Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP100/101 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP100/101
Description  2째C Accurate Digital Temperature Sensor with SPI Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP100/101 Datasheet(HTML) 2 Page - Texas Instruments

  TMP100/101 Datasheet HTML 1Page - Texas Instruments TMP100/101 Datasheet HTML 2Page - Texas Instruments TMP100/101 Datasheet HTML 3Page - Texas Instruments TMP100/101 Datasheet HTML 4Page - Texas Instruments TMP100/101 Datasheet HTML 5Page - Texas Instruments TMP100/101 Datasheet HTML 6Page - Texas Instruments TMP100/101 Datasheet HTML 7Page - Texas Instruments TMP100/101 Datasheet HTML 8Page - Texas Instruments TMP100/101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TMP125
SBOS323A − DECEMBER 2004 − REVISED JUNE 2005
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage
+7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage(2)
−0.3V to +7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Current
±10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Short Circuit(3)
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−55
°C to +125°C
. . . . . . . . . . . . . . .
Storage Temperature Range
−60
°C to +150°C
. . . . . . . . . . . . . . . . .
Junction Temperature (TJ max)
+150
°C
. . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering)
+300
°C
. . . . . . . . . . . . . . . . . . . . . . . .
ESD Rating (Human Body Model)
4000V
. . . . . . . . . . . . . . . . . . . .
(Charged Device Model)
1000V
. . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.5V beyond the supply
rails should be current limited to 10mA or less.
(3) Short-circuit to ground.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
TMP125
SOT23-6
DBV
T125
TMP125
SOT23-6
DBV
T125
TMP125
SOT23-6
DBV
T125
TMP125
SOT23-6
DBV
T125
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
PIN CONFIGURATION
Top View
GND
SI
V+
NOTE: Pin 1 is determined by orienting
the package marking as shown.
SOT23−6
SO
CS
SCK
1
2
3
6
5
4
TMP125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com