Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP100/101 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP100/101
Description  2째C Accurate Digital Temperature Sensor with SPI Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP100/101 Datasheet(HTML) 1 Page - Texas Instruments

  TMP100/101 Datasheet HTML 1Page - Texas Instruments TMP100/101 Datasheet HTML 2Page - Texas Instruments TMP100/101 Datasheet HTML 3Page - Texas Instruments TMP100/101 Datasheet HTML 4Page - Texas Instruments TMP100/101 Datasheet HTML 5Page - Texas Instruments TMP100/101 Datasheet HTML 6Page - Texas Instruments TMP100/101 Datasheet HTML 7Page - Texas Instruments TMP100/101 Datasheet HTML 8Page - Texas Instruments TMP100/101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
D DIGITAL OUTPUT: SPI-Compatible Interface
D RESOLUTION: 10-Bit, 0.25°C
D ACCURACY:
±2.0°C (max) from −25°C to +85°C
±2.5°C (max) from −40°C to +125°C
D LOW QUIESCENT CURRENT: 50µA (max)
D WIDE SUPPLY RANGE: 2.7V to 5.5V
D TINY SOT23-6 PACKAGE
D OPERATION FROM −40°C to +125°C
APPLICATIONS
D BASE STATION EQUIPMENT
D COMPUTER PERIPHERAL THERMAL
PROTECTION
D NOTEBOOK COMPUTERS
D DATA ACQUISITION SYSTEMS
D TELECOM EQUIPMENT
D OFFICE MACHINES
TMP125 RELATED PRODUCTS
FEATURES
PRODUCT
2
°C Digital Temp Sensors with Two-Wire Interface
TMP100/101
1.5
°C Digital Temp Sensors with Two-Wire Interface
TMP75/175
1.5
°C Digital Temp Sensors with SPI
TMP121/123
1.5
°C Programmable Digital Temp Sensors with SPI
TMP122/124
DESCRIPTION
The TMP125 is an SPI-compatible temperature sensor
available in the tiny SOT23-6 package. Requiring no
external
components,
the
TMP125 is capable of
measuring temperatures within 2
°C of accuracy over a
temperature range of −25
°C to +85°C and 2.5°C of
accuracy over −40
°C to +125°C. Low supply current, and
a supply range from 2.7V to 5.5V, make the TMP125 an
excellent candidate for low-power applications.
The TMP125 is ideal for extended thermal measurement
in a variety of communication, computer, consumer,
environmental,
industrial,
and
instrumentation
applications.
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
TMP125
Temperature
SI
GND
1
2
3
6
5
4
V+
SO
CS
SCK
TMP125
SBOS323A − DECEMBER 2004 − REVISED JUNE 2005
2
°C Accurate Digital Temperature Sensor
with SPI
 Interface
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2004−2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI is a registered trademark of Motorola. All other trademarks are the property of their respective owners.


Similar Part No. - TMP100/101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100/101 TI1-TMP100/101 Datasheet
183Kb / 12P
Accurate Digital Temperature Sensor with SPI田?Interface
TMP100/101 TI2-TMP100/101 Datasheet
377Kb / 14P
2°C Accurate Digital Temperature Sensor with SPI Interface
REVISED JUNE 2005
TMP100/101 TI2-TMP100/101 Datasheet
383Kb / 14P
2°C Accurate Digital Temperature Sensor with SPI Interface
REVISED JUNE 2005
More results

Similar Description - TMP100/101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6690 MAXIM-MAX6690 Datasheet
235Kb / 16P
2째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 0; 10/01
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
Digital Temperature Sensor with SPI??Interface
2002
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
Accurate Digital Temperature Sensor with SPI田?Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com