Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP100/101 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP100/101
Description  2째C Accurate Digital Temperature Sensor with SPI Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP100/101 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP100/101 Datasheet HTML 2Page - Texas Instruments TMP100/101 Datasheet HTML 3Page - Texas Instruments TMP100/101 Datasheet HTML 4Page - Texas Instruments TMP100/101 Datasheet HTML 5Page - Texas Instruments TMP100/101 Datasheet HTML 6Page - Texas Instruments TMP100/101 Datasheet HTML 7Page - Texas Instruments TMP100/101 Datasheet HTML 8Page - Texas Instruments TMP100/101 Datasheet HTML 9Page - Texas Instruments TMP100/101 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TMP125
SBOS323A − DECEMBER 2004 − REVISED JUNE 2005
www.ti.com
6
60ms
120ms
50
µA(active)
20
µA(idle)
Figure 2. Conversion Time and Period
Timing Diagrams
The TMP125 is SPI-compatible. Figure 3 and Figure 4
describe the output data of the TMP125. Figure 5,
Figure 6, and Figure 7 describe the various timing
requirements, with parameters defined in Table 3.
PARAMETER
MIN
MAX
UNITS
SCK Period
t1
100
ns
Data In to Rising Edge SCK Setup Time
t2
20
ns
SCK Falling Edge to Output Data Delay
t3
30
ns
SCK Rising Edge to Input Data Hold Time
t4
20
ns
CS to Rising Edge SCK Set-Up Time
t5
40
ns
CS to Output Data Delay
t6
30
ns
CS Rising Edge to Output High Impedance
t7
30
ns
Table 3. Timing Description
SO
SCK
CS
T0
T0
T0
T0
T0
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
Leading
Zero
SI
Don’t
Care
Don’t
Care
Power
Down
To enter shutdown mode, SI must be high on the rising edge of the third bit of SCK (see the Communicating with the TMP125 section).
Figure 3. Data READ
SO
SCK
CS
T0
T0
T0
T0
T0
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
Leading
Zero
SI
Don’t
Care
Don’t
Care
Power
Down
One−
Shot
Figure 4. One-Shot Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com