Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBMP Datasheet(PDF) 6 Page - Dubilier

Part # LBMP
Description  BOX POLYESTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

LBMP Datasheet(HTML) 6 Page - Dubilier

  LBMP Datasheet HTML 1Page - Dubilier LBMP Datasheet HTML 2Page - Dubilier LBMP Datasheet HTML 3Page - Dubilier LBMP Datasheet HTML 4Page - Dubilier LBMP Datasheet HTML 5Page - Dubilier LBMP Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
94
CAPACITORS
BOX POLYESTER LBMP
IMPEDANCE Z VERSUS FREQUENCY F (TYPICAL VALUES)
0.1
1.0
10
100
F (MHz)
Z
( ) 100
10
1.0
0.1
0.01
102
5
103
5
104
Hz
105
ƒ
1
6
10
60
100
Vac
rms
V
100Vdc / 63Vac
40
4
2
20
200
400
106
6.8 F
33 F
5
5
102
5
103
5
104
Hz
105
ƒ
1
6
10
60
100
Vac
rms
V
250Vdc / 160Vac
40
4
2
20
200
400
106
2.2 F
10 F
5
5
102
5
103
5
104
Hz
105
ƒ
1
6
10
60
100
Vac
rms
V
400Vdc / 200Vac
40
4
2
20
200
400
106
1.0 F
4.7 F
5
5
102
5
103
5
104
Hz
105
ƒ
1
6
10
60
100
Vac
rms
V
630Vdc / 220Vac
40
4
2
20
200
400
106
0.33 F
1.5 F
5
5
AC VOLTAGE Vrms VERSUS FREQUENCY F 27.5mm PITCH
www.dubilier.co.uk



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com