Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBMP Datasheet(PDF) 1 Page - Dubilier

Part # LBMP
Description  BOX POLYESTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

LBMP Datasheet(HTML) 1 Page - Dubilier

  LBMP Datasheet HTML 1Page - Dubilier LBMP Datasheet HTML 2Page - Dubilier LBMP Datasheet HTML 3Page - Dubilier LBMP Datasheet HTML 4Page - Dubilier LBMP Datasheet HTML 5Page - Dubilier LBMP Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
89
CAPACITORS
BOX POLYESTER LBMP
ORDERING INFORMATION
OUTLINE DRAWING
SPECIFICATION
7.5mm - 27.5mm pitch
Plastic case UL94V-0
Epoxy resin sealed
High pulse strength
For use in standard applications
Stacked film 7.5mm - 15mm
Wound 22.5mm - 27.5mm
l
p
b
d
LBMP
0.47
100
K
7.5
Range
Capacitance
µF
Voltage
Tolerance
J = 5%
K = 10%
M = 20%
Pitch
7.5
10
15
22.5
27.5
/TR
Tape
Lead spacing
Diameter
p ± 0.4
d
7.5
0.5
10
0.5*/0.6
15
0.8
22.5
0.8
27.5
0.8
Temperature Range:
-55°C to 125°C
Voltage Range:
63Vdc, 40Vrms to 630Vdc, 220Vrms @ 60Hz
Capacitance Tolerance:
±5% (J), ±10% (K), ±20% (M)
Test Voltage:
1.4 x Vdc for 2 seconds
Dissipation Factor tan∂(in 10-3):
C≤0.1µF
0.1µF < C ≤ 1µF
C > 1µF
at 20°C
at 1kHz
8
10
10
10kHz
15
20
-
100kHz
30
-
-
Insulation resistance at 20°C,
V
C ≤ 0.33µF
C > 0.33µF
rel. humidity ≤ 65%
≤100
3750MΩ
1250 s
≥250
7500MΩ
2500 s
*0.5mm for capacitor width b=4mm
Dimensions in mm
www.dubilier.co.uk


Similar Part No. - LBMP

ManufacturerPart #DatasheetDescription
logo
Dubilier
LBMP0.47100J10-TR DUBILIER-LBMP0.47100J10-TR Datasheet
237Kb / 6P
CAPACITORS BOX POLYESTER LBMP
LBMP0.47100J15-TR DUBILIER-LBMP0.47100J15-TR Datasheet
237Kb / 6P
CAPACITORS BOX POLYESTER LBMP
LBMP0.47100J22.5-TR DUBILIER-LBMP0.47100J22.5-TR Datasheet
237Kb / 6P
CAPACITORS BOX POLYESTER LBMP
LBMP0.47100J27.5-TR DUBILIER-LBMP0.47100J27.5-TR Datasheet
237Kb / 6P
CAPACITORS BOX POLYESTER LBMP
LBMP0.47100J7.5-TR DUBILIER-LBMP0.47100J7.5-TR Datasheet
237Kb / 6P
CAPACITORS BOX POLYESTER LBMP
More results

Similar Description - LBMP

ManufacturerPart #DatasheetDescription
logo
Dubilier
DMP1010NJTR DUBILIER-DMP1010NJTR Datasheet
151Kb / 2P
CAPACITORS 5mm BOX POLYESTER DMP
LBMP0.47100K7.5-TR DUBILIER-LBMP0.47100K7.5-TR Datasheet
237Kb / 6P
CAPACITORS BOX POLYESTER LBMP
MMP10470NKTR DUBILIER-MMP10470NKTR Datasheet
237Kb / 2P
CAPACITORS 5mm BOX POLYESTER MMP
logo
Suntan Capacitors
TS02B SUNTAN-TS02B Datasheet
397Kb / 2P
METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
logo
Dubilier
DMP DUBILIER-DMP Datasheet
281Kb / 2P
5mm BOX POLYESTER
MMP DUBILIER-MMP Datasheet
288Kb / 2P
5mm BOX POLYESTER
logo
jb Capacitors Company
JFD JBCAPACITORS-JFD_15 Datasheet
271Kb / 2P
Box Type Met Polyester Film Capacitor
logo
Suntan Capacitors
TS05 SUNTAN-TS05_17 Datasheet
298Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR ??MINI BOX
logo
jb Capacitors Company
JFD JBCAPACITORS-JFD_17 Datasheet
279Kb / 2P
Box Type Met Polyester Film Capacitor
logo
Cornell Dubilier Electr...
160 CDE-160_17 Datasheet
442Kb / 6P
Radial Box Metallized Polyester Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com