Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBMP Datasheet(PDF) 2 Page - Dubilier

Part # LBMP
Description  BOX POLYESTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

LBMP Datasheet(HTML) 2 Page - Dubilier

  LBMP Datasheet HTML 1Page - Dubilier LBMP Datasheet HTML 2Page - Dubilier LBMP Datasheet HTML 3Page - Dubilier LBMP Datasheet HTML 4Page - Dubilier LBMP Datasheet HTML 5Page - Dubilier LBMP Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
90
CASE DIMENSIONS (mm) - 10mm PITCH
CAPACITORS
BOX POLYESTER LBMP
CASE DIMENSIONS (mm) - 7.5mm PITCH
Voltage DC/AC
Capacitance
63v/40v
100v/63v
250v/160v
400v/200v
b
h
l
b
h
l
b
h
l
b
h
l
1.0nF
-
-
-
-
-
-
-
-
-
2.5
7.0
10.0
1.5nF
-
-
-
-
-
-
-
-
-
2.5
7.0
10.0
2.2nF
-
-
-
-
-
-
-
-
-
2.5
7.0
10.0
3.3nF
-
-
-
-
-
-
-
-
-
2.5
7.0
10.0
4.7nF
-
-
-
-
-
-
-
-
-
2.5
7.0
10.0
6.8nF
-
-
-
-
-
-
-
-
-
2.5
7.0
10.0
10nF
-
-
-
-
-
-
-
-
-
2.5
7.0
10.0
15nF
-
-
-
-
-
-
2.5
7.0
10.0
3.0
8.0
10.0
22nF
-
-
-
-
-
-
2.5
7.0
10.0
4.0
8.5
10.0
33nF
-
-
-
-
-
-
2.5
7.0
10.0
5.0
10.5
10.0
47nF
-
-
-
2.5
7.0
10.0
2.5
7.0
10.0
5.0
10.5
10.0
68nF
2.5
7.0
10.0
2.5
7.0
10.0
3.0
8.0
10.0
6.0
12.0
10.0
0.1µF
2.5
7.0
10.0
2.5
7.0
10.0
4.0
8.5
10.0
0.15µF
2.5
7.0
10.0
3.0
8.0
10.0
5.0
10.5
10.0
0.22µF
2.5
7.0
10.0
3.0
8.0
10.0
6.0
12.0
10.5
0.33µF
2.5
7.0
10.0
4.0
8.5
10.0
0.47µF
3.0
8.0
10.0
5.0
10.5
10.0
0.68µF
4.0
8.5
10.0
6.0
12.0
10.0
1.0µF
5.0
10.5
10.0
6.0
12.0
10.5
1.5µF
5.0
10.5
10.0
2.2µF
6.0
12.0
10.0
Voltage DC/AC
Capacitance
63v/40v
100v/63v
250v/160v
400v/200v
630v/220v
b
h
l
b
h
l
b
h
l
b
h
l
b
h
l
6.8nF
-
-
-
-
-
-
-
-
-
-
-
-
4.0
9.0
13.0
10nF
-
-
-
-
-
-
-
-
-
4.0
7.0
13.0
4.0
9.0
13.0
15nF
-
-
-
-
-
-
-
-
-
4.0
7.0
13.0
5.0
11.0
13.0
22nF
-
-
-
-
-
-
-
-
-
4.0
7.0
13.0
5.0
11.0
13.0
33nF
-
-
-
-
-
-
4.0
7.0
13.0
4.0
9.0
13.0
6.0
12.0
13.0
47nF
-
-
-
-
-
-
4.0
7.0
13.0
5.0
11.0
13.0
68nF
-
-
-
-
-
-
4.0
7.0
13.0
5.0
11.0
13.0
0.1µF
-
-
-
4.0
7.0
13.0
4.0
7.0
13.0
6.0
12.0
13.0
0.15µF
-
-
-
4.0
7.0
13.0
4.0
9.0
13.0
0.22µF
-
-
-
4.0
7.0
13.0
5.0
11.0
13.0
0.33µF
-
-
-
4.0
7.0
13.0
5.0
11.0
13.0
0.47µF
4.0
7.0
13.0
4.0
9.0
13.0
6.0
12.0
13.0
0.68µF
4.0
7.0
13.0
5.0
11.0
13.0
1.0µF
4.0
9.0
13.0
6.0
12.0
13.0
1.5µF
5.0
11.0
13.0
2.2µF
5.0
11.0
13.0
3.3µF
6.0
12.0
13.0
www.dubilier.co.uk



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com