Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-1210HS Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-1210HS
Description  Wire Wound Inductors (Ferrite Base)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1210HS Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-1210HS Datasheet HTML 1Page - Abracon Corporation AISC-1210HS Datasheet HTML 2Page - Abracon Corporation AISC-1210HS Datasheet HTML 3Page - Abracon Corporation AISC-1210HS Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
AISC-1210HS
||||||||||||| | |
30332Esperanza, Rancho Santa Margarita, California
92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 12.08.11
Visit www.abracon.com for Terms & Conditions of Sale
Wire Wound Inductors (Ferrite Base)
FEATURES:
APPLICATIONS:
• Excellent solderability and resistance soldering heat.
• Suitable for RoHS compliant reflow.
• High reliability and suitable for surface mount assembly.
• Wide range of inductance value are available.
• Small in tolerance from ±10%.
ELECTRICAL SPECIFICATIONS:
• Notebooks, PC’s,
• Cellular phone backlight, Inverter and etc.
Pb RoHS
Compliant
PARAMETERS
ABRACON P/N:
AISC-01210HS Series
Operating temperature:
-40°C to + 85°C
Storage temperature:
PARAMETERS
3.20 x 3.05 x 1.30 mm
Q
L, Q Test
SRF
DCR
ISAT
IDC
Abracon Part Number
L (µH)
Tolerance
Min
Freq
Min
Max
Max
Max
(K. M)
(kHz/MHz)
(MHz)
(Ω)
(mA)
(mA)
AISC-1210HS-2R2
2.2
K. M
10
100 / 1
150
0.5
850
800
AISC-1210HS-2R7
2.7
K. M
10
100 / 1
120
0.6
750
700
AISC-1210HS-3R3
3.3
K. M
10
100 / 1
100
0.75
700
650
AISC-1210HS-3R9
3.9
K. M
10
100 / 1
90
0.8
650
600
AISC-1210HS-4R7
4.7
K. M
10
100 / 1
80
0.95
600
550
AISC-1210HS-5R6
5.6
K. M
10
100 / 1
65
1
550
520
AISC-1210HS-6R8
6.8
K. M
10
100 / 1
55
1.1
500
480
AISC-1210HS-8R2
8.2
K. M
10
100 / 1
40
1.3
480
450
AISC-1210HS-100
10
K. M
10
100 / 1
36
1.5
450
430
AISC-1210HS-120
12
K. M
10
100 / 1
34
1.6
420
400
AISC-1210HS-150
15
K. M
10
100 / 1
32
1.9
400
350
AISC-1210HS-180
18
K. M
10
100 / 1
30
2.9
350
320
AISC-1210HS-220
22
K. M
10
100 / 1
30
3.5
320
300
AISC-1210HS-270
27
K. M
10
100 / 1
25
4.2
280
250
AISC-1210HS-330
33
K. M
10
100 / 1
20
5
250
220
Test Equipment:
1. Inductance is measured in HP-4284A precision LCR meter with SMD-A fixture.
2. Q factor is measured in HP-4284A precision LCR meter with SMD-A fixture.
3. SRF is measured in Agilent E-5071B Network Analyzer.
4. RDC is measured in HP-4338B milliohm meter.
5. Isat: Based on inductance change ( L/Lo : ≤ -10%)
6. IDC: Based on temperature rise ( T : 25oC TYP. )
Unless otherwise specified, the standard range of atmospheric condition for making measurement and test
are as follows:
Ambient Temperature : 25°C (20°C) ± 2°C
Relative Humidity : 60% t0 70%
Air Pressure : 86Kpa to 106Kpa
-10ºC to +40ºC, 20% to 70% RH
MSL level: 2 (This part is packed with dry packaging)
∆
∆


Similar Part No. - AISC-1210HS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-1210H ABRACON-AISC-1210H Datasheet
117Kb / 1P
SURFACE MOUNT UNSHIELDED POWER INDUCTORS
06.27.07
AISC-1210H-100K ABRACON-AISC-1210H-100K Datasheet
117Kb / 1P
SURFACE MOUNT UNSHIELDED POWER INDUCTORS
06.27.07
AISC-1210H-101K ABRACON-AISC-1210H-101K Datasheet
117Kb / 1P
SURFACE MOUNT UNSHIELDED POWER INDUCTORS
06.27.07
AISC-1210H-120K ABRACON-AISC-1210H-120K Datasheet
117Kb / 1P
SURFACE MOUNT UNSHIELDED POWER INDUCTORS
06.27.07
AISC-1210H-121K ABRACON-AISC-1210H-121K Datasheet
117Kb / 1P
SURFACE MOUNT UNSHIELDED POWER INDUCTORS
06.27.07
More results

Similar Description - AISC-1210HS

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CF322522 FRONTIER-CF322522 Datasheet
57Kb / 3P
Molded Wire Wound Ferrite Chip Inductors
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
SMD Wire Wound Ferrite Chip Inductors
logo
Abracon Corporation
AISC-0402F ABRACON-AISC-0402F Datasheet
1Mb / 3P
FERRITE WIRE WOUND INDUCTORS
09.29.14
AISC-0603F ABRACON-AISC-0603F Datasheet
2Mb / 3P
FERRITE WIRE WOUND INDUCTORS
10.11.13
AISC-1008(F) ABRACON-AISC-1008(F) Datasheet
6Mb / 4P
Wire Wound Inductor - Ceramic Or Ferrite Base
09.17.13
logo
WALSIN TECHNOLOGY CORPO...
WLFW1608 WALSIN-WLFW1608 Datasheet
280Kb / 6P
Wire Wound Ferrite Chip Inductors
WLFW2012 WALSIN-WLFW2012 Datasheet
246Kb / 6P
Wire Wound Ferrite Chip Inductors
WLFW2520 WALSIN-WLFW2520 Datasheet
291Kb / 6P
Wire Wound Ferrite Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com