Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-1210HS Datasheet(PDF) 3 Page - Abracon Corporation

Part # AISC-1210HS
Description  Wire Wound Inductors (Ferrite Base)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1210HS Datasheet(HTML) 3 Page - Abracon Corporation

  AISC-1210HS Datasheet HTML 1Page - Abracon Corporation AISC-1210HS Datasheet HTML 2Page - Abracon Corporation AISC-1210HS Datasheet HTML 3Page - Abracon Corporation AISC-1210HS Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
AISC-1210HS
||||||||||||| | |
30332Esperanza, Rancho Santa Margarita, California
92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 12.08.11
Visit www.abracon.com for Terms & Conditions of Sale
Wire Wound Inductors (Ferrite Base)
Pb RoHS
Compliant
3.20 x 3.05 x 1.30 mm
AISC-1210HS-
-
Inductance Code
Tolerance Code
Packaging
Please refer to the table
K: ±10%
T2: Tape & Reel (2k pcs/Reel)
M: ±20%
PART NUMBER IDENTIFICATION
T
Recommended Land Pattern
Dimension: mm [inch]
L
L1
W
W1
T
s
3.20±0.30
[0.126±0.012]
3.05±0.10
[0.12±0.004]
2.50±0.30
[0.098±0.012]
2.40±0.10
[0.094±0.004]
1.30 Max.
[0.051 Max.]
0.50±0.10
[0.02±0.004]
A
B
C
4.00
1.70
2.82
OUTLINE DIMENSIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com