Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-1210HS Datasheet(PDF) 2 Page - Abracon Corporation

Part # AISC-1210HS
Description  Wire Wound Inductors (Ferrite Base)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1210HS Datasheet(HTML) 2 Page - Abracon Corporation

  AISC-1210HS Datasheet HTML 1Page - Abracon Corporation AISC-1210HS Datasheet HTML 2Page - Abracon Corporation AISC-1210HS Datasheet HTML 3Page - Abracon Corporation AISC-1210HS Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
AISC-1210HS
||||||||||||| | |
30332Esperanza, Rancho Santa Margarita, California
92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 12.08.11
Visit www.abracon.com for Terms & Conditions of Sale
Wire Wound Inductors (Ferrite Base)
Pb RoHS
Compliant
3.20 x 3.05 x 1.30 mm
AISC-1210HS-2R2K
AISC-1210HS-2R2K
AISC-1210HS-4R7K
AISC-1210HS-4R7K
AISC-1210HS-100K
AISC-1210HS-100K
AISC-1210HS-220K
AISC-1210HS-220K
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com