Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD2003B Datasheet(PDF) 2 Page - Texas Instruments

Part # UCD2003B
Description  High-Voltage, High-Current Darlington Transistor Array
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD2003B Datasheet(HTML) 2 Page - Texas Instruments

  UCD2003B Datasheet HTML 1Page - Texas Instruments UCD2003B Datasheet HTML 2Page - Texas Instruments UCD2003B Datasheet HTML 3Page - Texas Instruments UCD2003B Datasheet HTML 4Page - Texas Instruments UCD2003B Datasheet HTML 5Page - Texas Instruments UCD2003B Datasheet HTML 6Page - Texas Instruments UCD2003B Datasheet HTML 7Page - Texas Instruments UCD2003B Datasheet HTML 8Page - Texas Instruments UCD2003B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
ULN2003B
SLRS064B – JUNE 2014 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: ULN2003B
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics, TA = 25°C ....................... 5
6.6
Electrical Characteristics, TA = –40°C to +105°C .... 5
6.7
Switching Characteristics, TA = 25°C........................ 5
6.8
Switching Characteristics, TA = –40°C to +105°C .... 5
6.9
Typical Characteristics .............................................. 6
7
Parameter Measurement Information .................. 9
8
Detailed Description ............................................ 10
8.1
Overview ................................................................. 10
8.2
Functional Block Diagram ....................................... 10
8.3
Feature Description................................................. 10
8.4
Device Functional Modes........................................ 11
9
Application and Implementation ........................ 11
9.1
Application Information............................................ 11
9.2
Typical Application ................................................. 11
10
Power Supply Recommendations ..................... 13
11
Layout................................................................... 13
11.1
Layout Guidelines ................................................. 13
11.2
Layout Example .................................................... 13
12
Device and Documentation Support ................. 14
12.1
Receiving Notification of Documentation Updates 14
12.2
Community Resources.......................................... 14
12.3
Trademarks ........................................................... 14
12.4
Electrostatic Discharge Caution ............................ 14
12.5
Glossary ................................................................ 14
13
Mechanical, Packaging, and Orderable
Information ........................................................... 14
4 Revision History
Changes from Revision A (September 2014) to Revision B
Page
•
Deleted Hammer Drivers from Applications ........................................................................................................................... 1
•
Updated Pin Functions table .................................................................................................................................................. 3
•
Deleted Package Themal Information from Absolute Maximum Ratings ............................................................................... 4
•
Moved Storage temperature, Tstg to Absolute Maximum Ratings .......................................................................................... 4
•
Deleted VI from Recommended Operating Conditions........................................................................................................... 4
•
Updated Thermal Information table ....................................................................................................................................... 4
•
Moved Operating free-air temperature, TA to Recommended Operating Conditions............................................................. 4
•
Deleted Output Current vs Input Current graph from Typical Characteristics section ........................................................... 6
•
Added hFE vs IOUT to Typical Characteristics section.............................................................................................................. 6
•
Deleted Thermal Information graphs section and updated Typical Characteristics section with new thermal graphs
Figure 6 through Figure 14 ..................................................................................................................................................... 6
•
Added Receiving Notification of Documentation Updates section and Community Resources section .............................. 14
Changes from Original (June 2014) to Revision A
Page
•
Initial release of full version. .................................................................................................................................................. 1
•
Added Pin Functions table...................................................................................................................................................... 3
•
Added Thermal Information table. .......................................................................................................................................... 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com