Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD2003B Datasheet(PDF) 7 Page - Texas Instruments

Part # UCD2003B
Description  High-Voltage, High-Current Darlington Transistor Array
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD2003B Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD2003B Datasheet HTML 3Page - Texas Instruments UCD2003B Datasheet HTML 4Page - Texas Instruments UCD2003B Datasheet HTML 5Page - Texas Instruments UCD2003B Datasheet HTML 6Page - Texas Instruments UCD2003B Datasheet HTML 7Page - Texas Instruments UCD2003B Datasheet HTML 8Page - Texas Instruments UCD2003B Datasheet HTML 9Page - Texas Instruments UCD2003B Datasheet HTML 10Page - Texas Instruments UCD2003B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Duty Cycle (DC)
0
20%
40%
60%
80%
100%
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
D001
1 Ch
2 Ch
3 Ch
4 Ch
5 Ch
6 Ch
7 Ch
Duty Cycle (DC)
0
20%
40%
60%
80%
100%
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
D001
1 Ch
2 Ch
3 Ch
4 Ch
5 Ch
6 Ch
7 Ch
Duty Cycle (DC)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
D001
1 Ch
2 Ch
3 Ch
4 Ch
5 Ch
6 Ch
7 Ch
Duty Cycle (DC)
0
20%
40%
60%
80%
100%
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
D001
1 Ch
2 Ch
3 Ch
4 Ch
5 Ch
6 Ch
7 Ch
Duty Cycle (DC)
0
20%
40%
60%
80%
100%
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
D001
1 Ch
2 Ch
3 Ch
4 Ch
5 Ch
6 Ch
7 Ch
Duty Cycle (DC)
0
20%
40%
60%
80%
100%
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
D001
1 Ch
2 Ch
3 Ch
4 Ch
5 Ch
6 Ch
7 Ch
7
ULN2003B
www.ti.com
SLRS064B – JUNE 2014 – REVISED AUGUST 2016
Product Folder Links: ULN2003B
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25ºC
Figure 7. PW Package Maximum Collector Current
vs Duty Cycle
TA = 25ºC
Figure 8. N Package Maximum Collector Current
vs Duty Cycle
TA = 70ºC
Figure 9. D Package Maximum Collector Current
vs Duty Cycle
TA = 70ºC
Figure 10. PW Package Maximum Collector Current
vs Duty Cycle
TA = 70ºC
Figure 11. N Package Maximum Collector Current
vs Duty Cycle
TA = 105ºC
Figure 12. D Package Maximum Collector Current
vs Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com