Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD2003B Datasheet(PDF) 13 Page - Texas Instruments

Part # UCD2003B
Description  High-Voltage, High-Current Darlington Transistor Array
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD2003B Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCD2003B Datasheet HTML 9Page - Texas Instruments UCD2003B Datasheet HTML 10Page - Texas Instruments UCD2003B Datasheet HTML 11Page - Texas Instruments UCD2003B Datasheet HTML 12Page - Texas Instruments UCD2003B Datasheet HTML 13Page - Texas Instruments UCD2003B Datasheet HTML 14Page - Texas Instruments UCD2003B Datasheet HTML 15Page - Texas Instruments UCD2003B Datasheet HTML 16Page - Texas Instruments UCD2003B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1
2
3
4
8
VCOM
7
6
5
16
E
9
15
14
13
12
11
10
1B
2B
3B
4B
7B
6B
5B
1C
2C
3C
4C
7C
6C
5C
GND
Time (s)
-0.004
0
0.004
0.008
0.012
0.016
0
1
2
3
4
5
6
7
8
9
10
11
12
13
D001
Time (s)
-0.004
0
0.004
0.008
0.012
0.016
0
2
4
6
8
10
12
14
D001
13
ULN2003B
www.ti.com
SLRS064B – JUNE 2014 – REVISED AUGUST 2016
Product Folder Links: ULN2003B
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
TI recommends to limit ULN2003B IC’s die junction temperature to less than 125°C. The IC junction temperature
is directly proportional to the on-chip power dissipation.
9.2.3 Application Curves
The following curves were generated with ULN2003B driving an OMRON G5NB relay – Vin = 5.0V; Vsup= 12 V
and RCOIL= 2.8 kΩ
Figure 24. Output Response With Activation
of Coil (Turn On)
Figure 25. Output Response With De-activation
of Coil (Turn Off)
10 Power Supply Recommendations
This part does not need a power supply; however, the COM pin is typically tied to the system power supply.
When this is the case, it is very important to make sure that the output voltage does not exceed the COM pin
voltage. This will heavily forward bias the fly-back diodes and cause a large current to flow into COM, potentially
damaging the on-chip metal or over-heating the part.
11 Layout
11.1 Layout Guidelines
Thin traces can be used on the input due to the low current logic that is typically used to drive UNL2003B. Care
must be taken to separate the input channels as much as possible, as to eliminate cross-talk. Thick traces are
recommended for the output, in order to drive whatever high currents that may be needed. Wire thickness can be
determined by the trace material's current density and desired drive current.
Since all of the channels currents return to a common emitter, it is best to size that trace width to be very wide.
Some applications require up to 2.5 A.
11.2 Layout Example
Figure 26. Package Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com