Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138128APFC Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFC
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFC Datasheet(HTML) 3 Page - Texas Instruments

  UCD3138128APFC Datasheet HTML 1Page - Texas Instruments UCD3138128APFC Datasheet HTML 2Page - Texas Instruments UCD3138128APFC Datasheet HTML 3Page - Texas Instruments UCD3138128APFC Datasheet HTML 4Page - Texas Instruments UCD3138128APFC Datasheet HTML 5Page - Texas Instruments UCD3138128APFC Datasheet HTML 6Page - Texas Instruments UCD3138128APFC Datasheet HTML 7Page - Texas Instruments UCD3138128APFC Datasheet HTML 8Page - Texas Instruments UCD3138128APFC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
3
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For detailed ordering information please check the Mechanical, Packaging, and Orderable Information section at the end of this
datasheet.
The UCD3138128A is a functional variant of the UCD3138 Digital Power Controller that includes significant
improvements over the UCD3138. For a description of the complete changes made in the UCD3138128A, refer
to UCD3138128A Migration Guide. The major improvements are:
•
The General Purpose ADC has been improved for better accuracy and performance at extreme cold
temperatures (–40°C).
•
The UART peripheral has been modified to include a hardware based auto-baud rate adjustment feature.
•
A new Synchronous Rectifier Dead Time Optimization hardware peripheral has been added. Benefits include:
–
Improved efficiency
–
Reduced synchronous rectifier voltage stresses
–
Shorter development cycle
•
A Duty Cycle Read Function has been added to improve use in peak current mode.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UCD3138128A
TQFP (80)
12.00 mm × 12.00 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com