Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138128APFC Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFC
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFC Datasheet(HTML) 73 Page - Texas Instruments

Back Button UCD3138128APFC Datasheet HTML 69Page - Texas Instruments UCD3138128APFC Datasheet HTML 70Page - Texas Instruments UCD3138128APFC Datasheet HTML 71Page - Texas Instruments UCD3138128APFC Datasheet HTML 72Page - Texas Instruments UCD3138128APFC Datasheet HTML 73Page - Texas Instruments UCD3138128APFC Datasheet HTML 74Page - Texas Instruments UCD3138128APFC Datasheet HTML 75Page - Texas Instruments UCD3138128APFC Datasheet HTML 76Page - Texas Instruments UCD3138128APFC Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 83 page
background image
73
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
11 Power Supply Recommendations
•
Both 3.3 VD and 3.3 VA should have a local capacitor of at least 4.7-µF in parallel with a 10-nF capacitor
placed as close as possible to the device pins.
•
BP18 should have a 1-µF capacitor in parallel with a 10-nF capacitor to ground.
For detailed practical design guidelines, refer to (SLUA779).
12 Layout
12.1 IC Grounding and Layout Guidelines
•
Single ground is recommended: SGND. A multilayer such as 4 layers board is recommended so that one
solid SGND is dedicated for return current path, referred to the layout example.
•
Apply multiple different capacitors for different frequency range on decoupling circuits. Each capacitor has
different ESL, Capacitance and ESR, and they have different frequency response.
•
Avoid long traces close to radiation components, and place them into an internal layer, and it is preferred to
have grounding shield.
•
Analog circuits and digital circuits should have separate return to ground; although with a single plane, still try
to avoid mixing analog current and digital current.
•
Do not use a ferrite bead or larger than 3 Ω resistor to connect between V33A and V33D.
•
Both 3.3VD and 3.3VA should have local decoupling capacitors close to the device power pins, add vias to
connect decoupling caps directly to SGND.
•
Avoid negative current/negative voltage on all pins, so Schottky clamping diodes may be needed to limit the
voltage; avoid more than 3.8 V or less than –0.3 V voltage spikes on all pins; add Schottky diodes on the pins
which could have voltage spikes during surge test; be aware that a Schottky has relatively higher leakage
current, which can affect the voltage sensing at high temperature.
•
RESET pin should have one at least 2.2 µF low ESL capacitor locally decoupled with SGND plane. This
capacitor must be located close to the device RESET pin. It is highly recommended to use a small resistance
(such as 220 Ω) to connect the RESET pin with 3.3 VD.
•
If the XTAL_IN (Pin 61) and XTAL_OUT (Pin 62) are not used for external clock, tie them to 1.8V (Pin BP18)
through a 1k
Ω resistor respectively.
For detailed practical design guidelines, refer to (SLUA779).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com