Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138128APFC Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFC
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFC Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCD3138128APFC Datasheet HTML 6Page - Texas Instruments UCD3138128APFC Datasheet HTML 7Page - Texas Instruments UCD3138128APFC Datasheet HTML 8Page - Texas Instruments UCD3138128APFC Datasheet HTML 9Page - Texas Instruments UCD3138128APFC Datasheet HTML 10Page - Texas Instruments UCD3138128APFC Datasheet HTML 11Page - Texas Instruments UCD3138128APFC Datasheet HTML 12Page - Texas Instruments UCD3138128APFC Datasheet HTML 13Page - Texas Instruments UCD3138128APFC Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
10
UCD3138128A
SLUSC99 – JULY 2016
www.ti.com
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
Digital power
V33D
3.0
3.3
3.6
V
Digital I/O power
V33DIO
3
3.3
3.6
V
Analog power
V33A
3
3.3
3.6
V
Digital power
BP18
1.6
1.8
2
V
Junction temperature, TJ
-40
-
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, .
7.4 Thermal Information
THERMAL METRIC(1)
TQFP (QFN)
UNIT
80-PIN
RθJA
Junction-to-ambient thermal resistance
47.8
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
7.8
RθJB
Junction-to-board thermal resistance
24.4
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
24.0
RθJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
Characterized by design and not production tested.
7.5 Electrical Characteristics
V33A = V33D = V33DIO = 3 V to 3.6 V; 1 μF from BP18 to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
I33A(1)
Measured on V33A. The device is
powered up but all ADC12 and EADC
sampling is disabled
7.5
mA
I33DIO(1)
All GPIO and communication pins are
open
0.35
mA
I33D(1)
ROM program execution
69
mA
I33
The device is in ROM mode with all
DPWMs enabled and switching at 2
MHz. The DPWMs are all unloaded.
90
100
mA
ERROR ADC INPUTS EAP, EAN
EAP – AGND(1)
–0.15
1.998
V
EAP – EAN(1)
–0.256
1.848
V
Typical error range(1)
AFE = 0
–256
248
mV
EAP – EAN Error voltage digital resolution
AFE = 3
0.8
1
1.25
mV
AFE = 2
1.7
2
2.4
mV
AFE = 1
3.55
4
4.5
mV
AFE = 0
6.90
8
9.10
mV
REA
Input impedance(1)
(See Figure 11)
AGND reference
0.5
M
Ω
IOFFSET
Input offset current(1)
(See Figure 11)
EADC is in idle state
–5
5
μA
EADC Offset
Input voltage = 0 V at AFE = 0
–20
20
mV
Input voltage = 0 V at AFE = 1
–10
10
mV
Input voltage = 0 V at AFE = 2
–6
6
mV
Input voltage = 0 V at AFE = 3
–4
4
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com