Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS321 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # BAS321
Description  General Purpose Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BAS321 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  BAS321 Datasheet HTML 1Page - Bruckewell Technology LTD BAS321 Datasheet HTML 2Page - Bruckewell Technology LTD BAS321 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS321
General Purpose Diode
Publication Order Number: [BAS321]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Very small plastic SMD package.
• High switching speed:max. 50ns
• Continuous reverse voltage:max.200v
• Repetitive peak reverse voltage:max.250v
• Repetitive peak forward current:max.650mA
• RoHS compliant package
Mechanical Data
• Case: SOD-323 Molded plastic
• Epoxy: UL94V-O rate flame retardant
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (TA=25°C unless otherwise specified)
Symbol
Parameter
MIN
MAX
Unit
PD(Ta=25°C)
Power dissipation
300
mW
IF
Forward Current
250
ma
VR
Reverse Voltage VR
200
V
TJ/TSTG
Junction and Storage Temperature
-55 to +150
°C
V(BR)
Reverse Breakdown Voltage(IR=100uA)
250
--
V
IR
Reverse Leakage Current(VR=200V)
1
uA
VF
Forward Voltage(Test Condition)
IF=100mA
IF=200mA
1.0
1.25
V
CD
Diode Capacitance (VR=0V, f=1MHz)
2
pF
Trr
Reverse Recovery Time
50
nS


Similar Part No. - BAS321

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS321 PHILIPS-BAS321 Datasheet
82Kb / 12P
General purpose diode
1999 Feb 09
BAS321 NXP-BAS321 Datasheet
125Kb / 9P
General purpose diode
2004 Jan 26
BAS321 NXP-BAS321 Datasheet
125Kb / 9P
BAS321 General purpose diode
2004 Jan 26
logo
SHIKUES Electronics
BAS321 SKTECHNOLGY-BAS321 Datasheet
649Kb / 3P
Silicon Epitaxial Planar Diode
logo
Nexperia B.V. All right...
BAS321 NEXPERIA-BAS321 Datasheet
200Kb / 10P
General purpose diode
1 July 2022
More results

Similar Description - BAS321

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS221 PHILIPS-BAS221 Datasheet
53Kb / 8P
General purpose diode
1999 May 07
BAS321 PHILIPS-BAS321 Datasheet
82Kb / 12P
General purpose diode
1999 Feb 09
BAX14 PHILIPS-BAX14 Datasheet
37Kb / 7P
General purpose diode
1996 Sep 17
BAX18 PHILIPS-BAX18 Datasheet
32Kb / 7P
General purpose diode
1996 Sep 18
BAY80 PHILIPS-BAY80 Datasheet
37Kb / 6P
General purpose diode
1996 Sep 18
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
GENERAL PURPOSE PIN DIODE
2002 Feb 19
BAS321 PHILIPS-BAS321_04 Datasheet
65Kb / 9P
General purpose diode
2004 Jan 26
BAS321 NXP-BAS321 Datasheet
125Kb / 9P
General purpose diode
2004 Jan 26
logo
Nexperia B.V. All right...
BAS321-Q NEXPERIA-BAS321-Q Datasheet
202Kb / 10P
General purpose diode
2 June 2021
BAS321 NEXPERIA-BAS321 Datasheet
200Kb / 10P
General purpose diode
1 July 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com