Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320DM647_16 Datasheet HTML 1Page - Texas Instruments TMS320DM647_16 Datasheet HTML 2Page - Texas Instruments TMS320DM647_16 Datasheet HTML 3Page - Texas Instruments TMS320DM647_16 Datasheet HTML 4Page - Texas Instruments TMS320DM647_16 Datasheet HTML 5Page - Texas Instruments TMS320DM647_16 Datasheet HTML 6Page - Texas Instruments TMS320DM647_16 Datasheet HTML 7Page - Texas Instruments TMS320DM647_16 Datasheet HTML 8Page - Texas Instruments TMS320DM647_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
• VLYNQ™ Interface (FPGA Interface)
(Multiplexed With Other Device Functions)
• On-Chip ROM Bootloader
• Package:
• Individual Power-Saving Modes
– 529-pin nFBGA (ZUT suffix)
• Flexible PLL Clock Generators
– 19x19 mm 0.8 mm pitch BGA
• IEEE-1149.1 (JTAG™) Boundary-Scan-
– 0.09-
μm/6-Level Cu Metal Process (CMOS)
Compatible
• 3.3-V and 1.8-V I/O, 1.2-V Internal (-720, -800, -
• 32 General-Purpose I/O (GPIO) Pins
900, -1100)
1.1
Applications
•
Digital Video Recording
1.2
Trademarks
TMS320C64x+, C64x, C64x+, VelociTI, VelociTI.2, VLYNQ, TMS320C6000, C6000, TI, and TMS320 are
trademarks of Texas Instruments.
I2C Bus is a registered trademark of Koninklijke Philips Electronics N.V.
Windows is a registered trademark of Microsoft Corporation in the United States and/or other countries.
All trademarks are the property of their respective owners.
1.3
Description
The TMS320C64x+™ DSPs (including the TMS320DM647/TMS320DM648 devices) are the highest-
performance fixed-point DSP generation in the TMS320C6000™ DSP platform. The DM647, DM648
devices are based on the third-generation high-performance, advanced VelociTI™ very-long-instruction-
word (VLIW) architecture developed by Texas Instruments (TI), making these DSPs an excellent choice
for digital media applications. The C64x+™ devices are upward code-compatible from previous devices
that are part of the C6000™ DSP platform. The C64x™ DSPs support added functionality and have an
expanded instruction set from previous devices.
Any reference to the C64x DSP or C64x CPU also applies, unless otherwise noted, to the C64x+ DSP and
C64x+ CPU, respectively.
With performance of up to 8800 million instructions per second (MIPS) at a clock rate of 1.1 GHz, the
C64x+ core offers solutions to high-performance DSP programming challenges. The DSP core possesses
the operational flexibility of high-speed controllers and the numerical capability of array processors. The
C64x+ DSP core processor has 64 general-purpose registers of 32-bit word length and eight highly
independent functional units—two multipliers for a 32-bit result and six arithmetic logic units (ALUs). The
eight functional units include instructions to accelerate the performance in video and imaging applications.
The DSP core can produce four 16-bit multiply-accumulates (MACs) per cycle for up to 4400 million MACs
per second (MMACS), or eight 8-bit MACs per cycle for up tp 8800 MMACS. For more details on the
C64x+ DSP, see the TMS320C64x/C64x+ DSP CPU and Instruction Set Reference Guide (literature
number SPRU732).
The devices also have application-specific hardware logic, on-chip memory, and additional on-chip
peripherals similar to the other C6000 DSP platform devices. The core uses a two-level cache-based
architecture. The Level 1 program cache (L1P) is a 256K-bit direct mapped cache and the Level 1 data
cache (L1D) is a 256K-bit 2-way set-associative cache. The Level 2 memory/cache (L2) consists of a 4M-
bit (DM648) or 2M-bit (DM647) memory space that is shared between program and data space. L2
memory can be configured as mapped memory, cache, or combinations of the two.
The peripheral set includes five configurable 16-bit video port peripherals (VP0, VP1, VP2, VP3, and
VP4). These video port peripherals provide a glueless interface to common video decoder and encoder
devices. The video port peripherals support multiple resolutions and video standards (e.g., CCIR601, ITU-
BT.656, BT.1120, SMPTE 125M, 260M, 274M, and 296M), a VCXO interpolated control port (VIC); a 1000
Mbps Ethernet Switch Subsystem with a management data input/output (MDIO) module and two SGMII
2
Features
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com