Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 57 Page - Texas Instruments

Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMS320DM647_16 Datasheet HTML 53Page - Texas Instruments TMS320DM647_16 Datasheet HTML 54Page - Texas Instruments TMS320DM647_16 Datasheet HTML 55Page - Texas Instruments TMS320DM647_16 Datasheet HTML 56Page - Texas Instruments TMS320DM647_16 Datasheet HTML 57Page - Texas Instruments TMS320DM647_16 Datasheet HTML 58Page - Texas Instruments TMS320DM647_16 Datasheet HTML 59Page - Texas Instruments TMS320DM647_16 Datasheet HTML 60Page - Texas Instruments TMS320DM647_16 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 190 page
background image
Device Pin
(see Note)
3.5 nH
Ω
42
Input requirements in this data sheet are tested with an input slew rate of < 4 Volts per nanosecond (4 V/ns) at the device pin.
NOTE:
Output
Under
Test
Data Sheet Timing Reference Point
Tester Pin Electronics
(see Note)
Ω
Z0 = 50
1.85 pF
4.0 pF
ransmission Line
T
The
data sheet provides timing at the device pin. For output timing analysis, the tester pin electronics and its transmission line effects must
be taken into account. A transmission line with a delay of 2 ns can be used to produce the desired transmission line effect. The transmission
line is intended as a load only. It is not necessary to add or subtract the transmission line delay (2 ns) from the data sheet timings.
V
ref
Vref = VIL MAX (or VOL MAX)
Vref = VIH MIN (or VOH MIN)
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
6
Peripheral Information and Electrical Specifications
6.1
Parameter Information
Figure 6-1. Test Load Circuit for AC Timing Measurements
The load capacitance value stated is only for characterization and measurement of ac timing signals. This
load capacitance value does not indicate the maximum load the device is capable of driving.
6.1.1
3.3-V Signal Transition Levels
All input and output timing parameters are referenced to Vref for both 0 and 1 logic levels. For 3.3-V I/O,
Vref = 1.5 V. For 1.8-V I/O, Vref = 0.9 V.
Figure 6-2. Input and Output Voltage Reference Levels for ac Timing Measurements
All rise and fall transition timing parameters are referenced to VIL MAX and VIH MIN for input clocks,
VOLMAX and VOH MIN for output clocks.
Figure 6-3. Rise and Fall Transition Time Voltage Reference Levels
6.1.2
3.3-V Signal Transition Rates
All timings are tested with an input edge rate of 4 volts per nanosecond (4 V/ns).
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
57
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com