Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 35 Page - Texas Instruments

Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320DM647_16 Datasheet HTML 31Page - Texas Instruments TMS320DM647_16 Datasheet HTML 32Page - Texas Instruments TMS320DM647_16 Datasheet HTML 33Page - Texas Instruments TMS320DM647_16 Datasheet HTML 34Page - Texas Instruments TMS320DM647_16 Datasheet HTML 35Page - Texas Instruments TMS320DM647_16 Datasheet HTML 36Page - Texas Instruments TMS320DM647_16 Datasheet HTML 37Page - Texas Instruments TMS320DM647_16 Datasheet HTML 38Page - Texas Instruments TMS320DM647_16 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 190 page
background image
C64x+ DSP
DM647
DM648
PREFIX
TMS
320
DM648
ZUT
TMX = Experimental device
TMS = Qualified device
DEVICE FAMILY
320 = TMS320 DSP family
PACKAGE TYPE
ZUT = 520-pin plastic ball grid array (BGA)
DEVICE
DEVICE SPEED RANGE
(7)
= 720 MHz
= 800 MHZ
= 900 MHZ
= 1.1 GHz
7
8
9
1
TEMPERATURE RANGE
= 0 C to 90 C, Commercial Temperature (720, 900, 1100)
= -40 C to 105 C, Extended Temperature (800)
= -40° C to 90° C, Industrial Temperature (720, 900, 1100)
°
°
°
°
Blank
A
D
( )
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
2.7.2
Device and Development-Support Tool Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
DSP devices and support tools. Each DSP commercial family member has one of three prefixes: TMX,
TMP, or TMS (e.g., TMS320DM648ZUTA7). Texas Instruments recommends two of three possible prefix
designators for its support tools: TMDX and TMDS. These prefixes represent evolutionary stages of
product development from engineering prototypes (TMX/TMDX) through fully qualified production
devices/tools (TMS/TMDS).
Device development evolutionary flow:
TMX
Experimental device that is not necessarily representative of the final device's electrical
specifications.
TMP
Final silicon die that conforms to the device's electrical specifications but has not completed
quality and reliability verification.
TMS
Fully-qualified production device.
Support tool development evolutionary flow:
TMDX
Development-support product that has not yet completed Texas Instruments internal
qualification testing.
TMDS
Fully qualified development-support product.
TMX and TMP devices and TMDX development-support tools are shipped against the following
disclaimer:
"Developmental product is intended for internal evaluation purposes."
TMS devices and TMDS development-support tools have been characterized fully, and the quality and
reliability of the device have been demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard
production devices. Texas Instruments recommends that these devices not be used in any production
system because their expected end-use failure rate still is undefined. Only qualified production devices are
to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, ZUT), the temperature range (for example, "Blank" is the commercial
temperature range), and the device speed range in megahertz (for example, "Blank" is the default [720-
MHz]).
Figure 2-6 provides a legend for reading the complete device name for the devices.
Figure 2-6. Device Nomenclature
Copyright © 2007–2012, Texas Instruments Incorporated
Device Overview
35
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com