Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA684IDBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA684IDBVT
Description  Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA684IDBVT Datasheet(HTML) 4 Page - Texas Instruments

  OPA684IDBVT Datasheet HTML 1Page - Texas Instruments OPA684IDBVT Datasheet HTML 2Page - Texas Instruments OPA684IDBVT Datasheet HTML 3Page - Texas Instruments OPA684IDBVT Datasheet HTML 4Page - Texas Instruments OPA684IDBVT Datasheet HTML 5Page - Texas Instruments OPA684IDBVT Datasheet HTML 6Page - Texas Instruments OPA684IDBVT Datasheet HTML 7Page - Texas Instruments OPA684IDBVT Datasheet HTML 8Page - Texas Instruments OPA684IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
OPA684
4
SBOS219A
www.ti.com
AC PERFORMANCE (See Figure 3)
Small-Signal Bandwidth (VO = 0.5Vp-p)
G = +1, RF = 1.3kΩ
146
MHz
typ
C
G = +2, RF = 1.3kΩ
105
79
76
69
MHz
min
B
G = +5, RF = 1.3kΩ
95
MHz
min
C
G = +10, RF = 1.3kΩ
87
MHz
typ
C
G = +20, RF = 1.3kΩ
79
MHz
typ
C
Bandwidth for 0.1dB Gain Flatness
G = +2, VO < 0.5Vp-p, RF = 1.3kΩ
21
12
11
10
MHz
min
B
Peaking at a Gain of +1
RF = 1.3kΩ, VO < 0.5Vp-p
0.5
2.6
3.4
3.7
dB
max
B
Large-Signal Bandwidth
G = 2, VO = 2Vp-p
86
MHz
typ
C
Slew Rate
G = 2, VO = 2V Step
300
240
235
225
V/
µs
min
B
G = 2, VO = 0.5V Step
4.3
ns
typ
C
Rise-and-Fall Time
G = 2, VO = 2VStep
5.3
ns
typ
C
Harmonic Distortion
G = 2, f = 5MHz, VO = 2Vp-p
2nd-Harmonic
RL = 100Ω to VS/2
65
57
57
56
dBc
max
B
RL ≥ 1kΩ to VS/2
65
58
57
57
dBc
max
B
3rd-Harmonic
RL = 100Ω to VS/2
65
64
63
63
dBc
max
B
RL ≥ 1kΩ to VS/2
71
70
70
69
dBc
max
B
Input Voltage Noise
f > 1MHz
3.7
4.1
4.2
4.4
nV/
√Hz
max
B
Non-inverting Input Current Noise
f > 1MHz
9.4
11
12
12.5
pA/
√Hz
max
B
Inverting Input Current Noise
f > 1MHz
17
18
18.5
19
pA/
√Hz
max
B
Differential Gain
G = +2, NTSC, VO = 1.4Vp, RL = 150Ω
0.04
%
typ
C
Differential Phase
G = +2, NTSC, VO = 1.4Vp, RL = 150Ω
0.07
deg
typ
C
DC PERFORMANCE(4)
Open-Loop Transimpedance Gain (ZOL)
VO = VS/2, RL = 100Ω to VS/2
325
160
155
153
k
Ω
min
A
Input Offset Voltage
VCM = VS/2
±1.0
±3.0
±3.6
±3.8
mV
max
A
Average Offset Voltage Drift
VCM = VS/2
±12
±12
µV/°C
max
B
Non-inverting Input Bias Current
VCM = VS/2
±5
±10
±11.5
±12
µA
max
A
Average Non-inverting Input Bias Current Drift
VCM = VS/2
±25
±30
nA/
°C
max
B
Inverting Input Bias Current
VCM = VS/2
±5
±12
±13.5
±15
µA
max
A
Average Inverting Input Bias Current Drift
VCM = VS/2
±25
±30
nA
°/C
max
B
INPUT
Least Positive Input Voltage(5)
1.25
1.32
1.35
1.38
V
max
A
Most Positive Input Voltage(5)
3.75
3.68
3.65
3.62
V
min
A
Common-Mode Refection Ratio (CMRR)
VCM = VS/2
58
52
51
51
dB
min
A
Non-inverting Input Impedance
50 || 1
k
Ω || pF
typ
C
Inverting Input Resistance (RI)
Open-Loop
2.5
Ω
typ
C
OUTPUT
Most Positive Output Voltage
RL = 1kΩ to VS/2
4.10
4.0
4.0
3.9
V
min
A
Least Positive Output Voltage
RL = 1kΩ to VS/2
0.9
1.0
1.0
1.1
V
max
A
Current Output, Sourcing
VO = VS/2
80
70
65
60
mA
min
A
Current Output, Sinking
VO = VS/2
70
58
53
48
mA
min
A
Closed-Loop Output Impedance
G = +2, f = 100kHz
Ω
typ
C
DISABLE (Disabled LOW)
Power-Down Supply Current (+VS)VDIS = 0
–90
µA
typ
C
Off Isolation
F = 5.0MHz
70
dB
typ
C
Output Capacitance in Disable
1.7
pF
typ
C
Turn On Glitch
G = +2, RL = 150Ω, VIN = VS/2
mV
typ
C
Turn Off Glitch
G = +2, RL = 150Ω, VIN = VS/2
mV
typ
C
Enable Voltage
3.4
3.5
3.6
3.7
V
min
A
Disable Voltage
1.8
1.7
1.6
1.5
V
max
A
Control Pin Input Bias Current (DIS)
VDIS = 0V
80
120
130
135
µA
max
A
POWER SUPPLY
Specified Single-Supply Operating Voltage
5
V
typ
C
Max Single-Supply Operating Voltage Range
12
12
12
V
max
A
Max Quiescent Current
VS = +5V
1.44
1.55
1.55
1.55
mA
max
A
Min Quiescent Current
VS = +5V
1.44
1.30
1.20
1.15
mA
min
A
Power-Supply Rejection Ratio (+PSRR)
Input Referred
65
dB
typ
C
TEMPERATURE RANGE
Specification: ID, IDBV
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA Junction-to-Ambient
D
SO-8
125
°C/W
typ
C
DBV SOT23-6
150
°C/W
typ
C
NOTES: (1) Junction temperature = ambient for 25
°C tested specifications. (2) Junction temperature = ambient at low temperature limit, junction temperature = ambient
+1
°C at high temperature limit for over temperature tested specifications. (3) Test levels: (A) 100% tested at 25°C. Over temperature limits by characterization and
simulation. (B) Limits set by characterization and simulation. (C) Typical value only for information. (4) Current is considered positive out-of-node. VCM is the input
common-mode voltage. (5) Tested < 3dB below minimum specified CMR at
± CMIR limits.
ELECTRICAL CHARACTERISTICS: VS = +5V
RF = 1.3kΩ, RL = 100Ω, and G = +2, (See Figure 3 for AC performance only), unless otherwise noted.
OPA684ID, IDBV
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
70
°C(2)
+85
°C(2)
UNITS
MAX LEVEL(3)
TYP
MIN/MAX OVER TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com