Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA684IDBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA684IDBVT
Description  Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA684IDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA684IDBVT Datasheet HTML 10Page - Texas Instruments OPA684IDBVT Datasheet HTML 11Page - Texas Instruments OPA684IDBVT Datasheet HTML 12Page - Texas Instruments OPA684IDBVT Datasheet HTML 13Page - Texas Instruments OPA684IDBVT Datasheet HTML 14Page - Texas Instruments OPA684IDBVT Datasheet HTML 15Page - Texas Instruments OPA684IDBVT Datasheet HTML 16Page - Texas Instruments OPA684IDBVT Datasheet HTML 17Page - Texas Instruments OPA684IDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
OPA684
14
SBOS219A
www.ti.com
INVERTING SUMMING APPLICATIONS
The OPA684 provides one of the most robust summing
operations available in a wideband op amp. Figure 6 shows
a typical inverting summing application where, in this case, 4
sources are summed through 500
Ω gain resistors while also
including an 88.9
Ω terminating impedance to present a 75Ω
input impedance to each source. The gain for each channel
is –2 to the output pin and –1 to the matched load. The
extremely low inverting input impedance of the CFBplus
architectures ensures noninteractive summing for all of the
channels. The amplifier bandwidth is largely independent of
variations in the gain setting elements, depending primarily
on the feedback resistor value instead. This type of circuit
may be used to sum numerous signals together or, where the
prior stages can be disabled, allow multiple channels to be
brought together with only the active channel passing on to
the output.
1k
Ω
500
Ω
OPA684
+5V
DIS
–5V
IN
2
500
Ω
IN
3
500
Ω
IN
1
75
Ω
500
Ω
IN
4
88.9
Ω
88.9
Ω
88.9
Ω
88.9
Ω
75
Ω Load
Supply Decoupling not shown.
–2(IN
1 + IN2 + IN3 + IN4)
FIGURE 7. Single-Supply, High-Gain SAW Post-Amplifier.
SAW FILTER POST- AMPLIFIER
While SAW filters provide unmatched selectivity in a passive
filter element, this comes at the cost of significant insertion loss
for the desired signal. The OPA684 can provide a low-cost and
low-power post-amplifier over a wide range of gains due to the
CFBplus internal architecture. Figure 7 shows a 44MHz SAW
filter with 20dB insertion loss followed by an OPA684 operating
at a gain of 20V/V (26dB) providing a net gain of 1 (0dB) from
the input of the SAW filter to a matched 50
Ω load. The circuit
shown also includes a simple bandpass around 44MHz to
reduce out-of-band noise. The gain for the circuit of Figure 7
ranges from 0dB at DC to 28dB at 44MHz and then back to
< 0dB above 200MHz. The LC elements in the gain circuit peak
the response slightly above a gain of 26dB—removing those
would give a broadband gain of 26dB.
950
Ω
OPA684
+V
S
DIS
50
Ω
50
Ω Load
20k
Ω
20k
Ω
50
Ω
1000pF
1000pF
100pF
1000pF
160nH
P
I
P
I
P
O
P
O
50
Ω
SAW
Filter
44MHz
20dB
Insertion
Loss
+5V to +12V
= 0dB at 44MHz
FIGURE 6. Gain of –2 Video Summing Amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com