Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA684IDBVT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA684IDBVT
Description  Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA684IDBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA684IDBVT Datasheet HTML 11Page - Texas Instruments OPA684IDBVT Datasheet HTML 12Page - Texas Instruments OPA684IDBVT Datasheet HTML 13Page - Texas Instruments OPA684IDBVT Datasheet HTML 14Page - Texas Instruments OPA684IDBVT Datasheet HTML 15Page - Texas Instruments OPA684IDBVT Datasheet HTML 16Page - Texas Instruments OPA684IDBVT Datasheet HTML 17Page - Texas Instruments OPA684IDBVT Datasheet HTML 18Page - Texas Instruments OPA684IDBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
OPA684
15
SBOS219A
www.ti.com
Figure 8 shows the small-signal frequency response for the
amplifier portion of this circuit, from the non-inverting input to
the output pin. This particular example is configured as a
single-supply circuit that will operate over a supply range from
+5V to +12V. Where higher frequencies or 3rd-order intercepts
are required, consider the OPA685, a very high bandwidth
(> 500MHz) current-feedback op amp.
input to be used for the CM (Common-Mode) voltage from
the ADS825 converter. This midpoint reference biases both
the non-inverting converter input and the amplifier non-
inverting input. With an AC-coupled gain path, this +2.5V has
a gain of +1 to the output, putting the output at the DC
midpoint for the converter. The output then drives through an
isolating resistor (50
Ω) to the inverting input of the converter,
which is further de-coupled by a 10pF external capacitance
to add to its 5pF input capacitance. This coupling network
provides a high frequency cutoff, while also giving a low
source impedance at high frequencies for the converter. The
gain for this circuit is set by adjusting RG to the desired value.
For a 2Vp-p maximum output driving the light load of Figure
9, the OPA684 will provide > 75dB SFDR through 5MHz (see
the Typical Characteristics).
DESIGN-IN TOOLS
DEMONSTRATION BOARDS
Two PC boards are available to assist in the initial evaluation
of circuit performance using the OPA684 in its two package
styles. Both of these are available, free, as an unpopulated
PC board delivered with descriptive documentation. The
summary information for these boards is shown in Table I.
30
27
24
21
18
15
Frequency (MHz)
10
100
BANDPASS SAW FILTER POST AMPLIFIER
44MHz
LOW POWER, ADC DRIVER
Where a low-power, single-supply, interface to a single-
ended input +5V ADC is required, the circuit of Figure 9 can
provide a very flexible, higher performance solution. Running
in an AC-coupled inverting mode allows the non-inverting
FIGURE 8. Bandpass SAW Filter Post-Amplifier.
FIGURE 9. Low-Power, Single-Supply, ADC Driver.
OPA684
+5V
DIS
50
Ω
R
G
R
G
R
I
1.3k
Ω
50
Ω
10pF
V
I
V
O
1.3k
Ω
0.1
µF
V
O = –
V
I
IN
IN
CM
ADS825
10-Bit
40MSPS
2.5V
DC
+2.5V
2Vp-p
Max
BOARD
LITERATURE
PART
REQUEST
PRODUCT
PACKAGE
NUMBER
NUMBER
OPA684ID
SO-8
DEM-OPA68xU
SBOU009
OPA684IDBQ
SOT23-6
DEM-OPA6xxN
SBOU010
TABLE I.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com