Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTLC1152RGPL Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLC1152RGPL
Description  100G CWDM4 QSFP28 Optical Transceiver Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLC1152RGPL Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLC1152RGPL Datasheet HTML 1Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 2Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 3Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 4Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 5Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 6Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FTLC1152RGPL Product Specification – May 2016
 Finisar Corporation – 7-May-2016 Rev. B1
Page 4
Vertical eye closure
5.5
dB
Differential output return loss (min)
RLd(f)
9.5 – 0.37f, 0.01≤f<8
4.75 – 7.4log10(f/14), 8 ≤f<19
dB
Common to differential mode
conversion return loss (min)
RLdc(f)
22-20(f/25.78), 0.01≤f<12.89
15-6(f/25.78), 12.89≤f<19
dB
Differential termination mismatch
10
%
Transition time, 20% to 80%
tr tf
12
ps
Notes:
1.
Maximum total power value is specified across the full temperature and voltage range.
2.
Output voltage is settable in 4 discrete ranges via I2C. Default range is Range 2 (400 – 800 mV).
IV.
Optical Characteristics (EOL, TOP = 0 to +70 C, VCC = 3.135 to 3.465 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Signaling Speed per Lane
25.78125 ± 100 ppm
GBd
1
Lane center wavelengths (range)
1264.5 – 1277.5
1284.5 – 1297.5
1304.5 – 1317.5
1324.5 – 1337.5
nm
Transmit OMA per Lane
TxOMA1
-4
2.5
dBm
Transmit OMA per Lane @TDP max
TxOMA2
-2
dBm
2
Transmit Average Power per Lane
2.5
dBm
Optical Extinction Ratio
ER
3.5
dB
Transmitter and Dispersion Penalty
per Lane
TDP
3
dB
3
Launch Power (OMA-TDP)
OMA-
TDP
-5
dBm
Sidemode Suppression ratio
SSRmin
30
dB
Average launch power of OFF
transmitter, per lane
-30
dBm
Transmitter Reflectance
-12
dB
Transmitter eye mask definition {X1,
X2, X3, Y1, Y2, Y3}
{0.31, 0.4, 0.45, 0.34, 0.38,
0.4}
4
Receiver
Signaling Speed per Lane
25.78125 ± 100 ppm
GBd
5
Lane center wavelengths (range)
1264.5 – 1277.5
1284.5 – 1297.5
1304.5 – 1317.5
1324.5 – 1337.5
nm
Receive Saturation (OMA) per Lane
Rmax
2.5
dBm
Damage threshold per Lane
3.5
dBm
Unstressed Receiver Sensitivity
(OMA) per Lane
Rxsens
-10
dBm
6
Stressed Receiver Sensitivity (OMA)
per Lane
SRS
-7.3
dBm
7
Conditions of stressed receiver sensitivity test:
Vertical Eye Closure Penalty
VECP
1.9
dB
Stressed J2 Jitter
J2
0.33
UI
Stressed J4 Jitter
J4
0.48
UI
SRS eye mask definition {X1, X2,
X3, Y1, Y2, Y3}
{0.39, 0.5, 0.5, 0.39, 0.39, 0.4}
LOS De-Assert
LOSD
-11.6
dBm
LOS Assert
LOSA
-24
-13.6
dBm
LOS Hysteresis
1.5
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com