Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTLC1152RGPL Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTLC1152RGPL
Description  100G CWDM4 QSFP28 Optical Transceiver Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLC1152RGPL Datasheet(HTML) 3 Page - Finisar Corporation.

  FTLC1152RGPL Datasheet HTML 1Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 2Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 3Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 4Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 5Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 6Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FTLC1152RGPL Product Specification – May 2016
 Finisar Corporation – 7-May-2016 Rev. B1
Page 3
30
Vcc1
+3.3 V Power Supply
31
LPMode
Low Power Mode
32
GND
Ground
1
33
Tx3p
Transmitter Non-Inverted Data Input
34
Tx3n
Transmitter Inverted Data Input
35
GND
Ground
1
36
Tx1p
Transmitter Non-Inverted Data Input
37
Tx1n
Transmitter Inverted Data Input
38
GND
Ground
1
Notes
1.
Circuit ground is internally isolated from chassis ground.
II.
Absolute Maximum Ratings
Module performance is not guaranteed beyond the operating range (see Section VI).
Exceeding the limits below may damage the transceiver module permanently.
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc
-0.5
3.6
V
Storage Temperature
TS
-40
+85
C
Case Operating Temperature
TOP
0
+70
C
Relative Humidity
RH
15
85
%
1
Receiver Damage Threshold, per Lane
PRdmg
5.5
dBm
Notes:
1.
Non-condensing.
III.
Electrical Characteristics (EOL, TOP = 0 to +70 C, VCC = 3.135 to 3.465 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.135
3.465
V
Supply Current
Icc
1.12
A
Module total power
P
3.5
W
1
Transmitter
Signaling rate per lane
25.78125 ± 100 ppm
GBd
Differential data input swing per lane
Vin,pp
900
mV
Differential input return loss (min)
RLd(f)
9.5 – 0.37f, 0.01≤f<8
4.75 – 7.4log10(f/14), 8 ≤f<19
dB
Differential to common mode input
return loss (min)
RLdc(f)
22-20(f/25.78), 0.01≤f<12.89
15-6(f/25.78), 12.89≤f<19
dB
Differential termination mismatch
10
%
Stressed input parameters
Eye width
0.46
UI
Applied pk-pk sinusoidal jitter
Per IEEE 802.3bm Table 88-13
Eye height
95
mV
DC common mode voltage
-350
2850
mV
Receiver
Signaling rate per lane
25.78125 ± 100 ppm
GBd
Differential data output swing
Vout,pp
100
400
mVpp
2
300
600
400
800
600
1200
Eye width
0.57
UI



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com