Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTLC1152RGPL Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLC1152RGPL
Description  100G CWDM4 QSFP28 Optical Transceiver Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLC1152RGPL Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLC1152RGPL Datasheet HTML 1Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 2Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 3Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 4Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 5Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 6Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 Finisar Corporation – 7-May-2016 Rev. B1
Page 1
Product Specification
100G CWDM4 QSFP28 Optical Transceiver Module
FTLC1152RGPL
PRODUCT FEATURES
 Hot-pluggable QSFP28 form factor
 Supports 103.1Gb/s aggregate bit
rate
 Power dissipation < 3.5W
 RoHS-6 compliant
 Case temperature range of 0°C to
+70°C
 Single 3.3V power supply
 Loss budget of 5 dB on up to 2 km
of Single Mode Fiber (SMF) [with
KR4 FEC]
 4x25Gb/s CWDM transmitter
 4x25G retimed electrical interface
 Duplex LC receptacles
 I2C management interface
APPLICATIONS
 100G CWDM4 applications with FEC
Finisar’s FTLC1152RGPL QSFP28 transceiver modules are designed for use in 100
Gigabit Ethernet links on up to 2 km of single mode fiber. They are compliant with the
QSFP28 MSA
1
, CWDM4 MSA
2
and portions of IEEE P802.3bm
6
. Digital diagnostics
functions are available via the I2C interface, as specified by the QSFP28 MSA and
Finisar Application Note AN-2153
5. The transceiver is RoHS-6 compliant and lead-free
per Directive 2011/65/EC
4 and Finisar Application Note AN-20385.
PRODUCT SELECTION
FTLC1152RGPL
R:
Ethernet maximum bit rate (103.1 Gb/s)
G:
4x26G CWDM optical architecture
P:
Pull-tab release
L:
LC straight receptacles


Similar Part No. - FTLC1152RGPL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLC1151RDPL FINISAR-FTLC1151RDPL Datasheet
632Kb / 7P
10km 100GBASE-LR4 QSFP28 Optical Transceiver Module
FTLC1151SDPL FINISAR-FTLC1151SDPL Datasheet
672Kb / 8P
10km Multi-rate 100G QSFP28 Optical Transceiver Module
FTLC1154RDPL FINISAR-FTLC1154RDPL Datasheet
702Kb / 7P
10km 100GBASE-LR4 QSFP28 Optical Transceiver Module
13-July-2018 Rev. B2
logo
Coherent Corp
FTLC1154RDPL COHERENT-FTLC1154RDPL Datasheet
385Kb / 9P
10km 100GBASE-LR4 QSFP28 Optical Transceiver Module
FTLC1154RDPL3 COHERENT-FTLC1154RDPL3 Datasheet
454Kb / 9P
10km 100GBASE-LR4 QSFP28 Optical Transceiver Module
More results

Similar Description - FTLC1152RGPL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLC1151SDPL FINISAR-FTLC1151SDPL Datasheet
672Kb / 8P
10km Multi-rate 100G QSFP28 Optical Transceiver Module
FTLC9551REPM FINISAR-FTLC9551REPM Datasheet
483Kb / 7P
100m Parallel MMF 100G QSFP28 Optical Transceiver
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
100G Quadwire짰 QSFP28 Active Optical Cable
FTLC9152RGPL FINISAR-FTLC9152RGPL Datasheet
347Kb / 7P
100m 100G QSFP28 SWDM4 Optical Transceiver
logo
Bel Fuse Inc.
STA-100G-CWDM4 BEL-STA-100G-CWDM4 Datasheet
1Mb / 7P
Stratos 100G Transceivers QSFP28 100G CWDM4 2km Transceiver
logo
Finisar Corporation.
FTLC9558REPM FINISAR-FTLC9558REPM Datasheet
344Kb / 7P
100m Parallel MMF 100G QSFP28 Optical Transceiver
logo
ATGBICS by Approved Tec...
AOC-QSFP28-100G-15M-C ATGBICS-AOC-QSFP28-100G-15M-C Datasheet
637Kb / 10P
AOC-QSFP28-100G-15M Dell Compatible Active Optical Cable 100G QSFP28 (15m)
AOC-QSFP28-100G-20M-C ATGBICS-AOC-QSFP28-100G-20M-C Datasheet
637Kb / 10P
AOC-QSFP28-100G-20M Dell Compatible Active Optical Cable 100G QSFP28 (20m)
logo
List of Unclassifed Man...
QSFP28 ETC-QSFP28 Datasheet
746Kb / 5P
100m Parallel MMF 100G SR4 QSFP28 Optical Transceiver
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com