Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0914 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0914
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0914 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS570LS0914 Datasheet HTML 17Page - Texas Instruments TMS570LS0914 Datasheet HTML 18Page - Texas Instruments TMS570LS0914 Datasheet HTML 19Page - Texas Instruments TMS570LS0914 Datasheet HTML 20Page - Texas Instruments TMS570LS0914 Datasheet HTML 21Page - Texas Instruments TMS570LS0914 Datasheet HTML 22Page - Texas Instruments TMS570LS0914 Datasheet HTML 23Page - Texas Instruments TMS570LS0914 Datasheet HTML 24Page - Texas Instruments TMS570LS0914 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 159 page
background image
TMS570LS0914
www.ti.com
SPNS225C – JUNE 2013 – REVISED SEPTEMBER 2015
4.2.1.15 Test and Debug Modules Interface
Table 4-15. PGE Test and Debug Modules Interface
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
144
PGE
TEST
34
Input
Pulldown
Fixed, 100 µA
Test enable. This terminal
must be connected to
ground directly or via a
pulldown resistor.
nTRST
109
Input
JTAG test hardware reset
RTCK
113
Output
-
None
JTAG return test clock
TCK
112
Input
Pulldown
Fixed, 100 µA
JTAG test clock
TDI
110
Input
Pullup
JTAG test data in
TDO
111
Output
Pulldown
JTAG test data out
TMS
108
Input
Pullup
JTAG test select
4.2.1.16 Flash Supply and Test Pads
Table 4-16. PGE Flash Supply and Test Pads
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
144
PGE
VCCP
134
3.3-V
–
None
Flash pump supply
Power
FLTP1
7
–
–
None
Flash test pads. These
terminals are reserved for
FLTP2
8
TI use only. For proper
operation these terminals
must connect only to a
test pad or not be
connected at all [no
connect (NC)].
4.2.1.17 Supply for Core Logic: 1.2V nominal
Table 4-17. PGE Supply for Core Logic: 1.2V nominal
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
144
PGE
VCC
17
1.2-V
–
None
Core supply
Power
VCC
29
VCC
45
VCC
48
VCC
49
VCC
57
VCC
87
VCC
101
VCC
114
VCC
123
VCC
137
VCC
143
Copyright © 2013–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
21
Submit Documentation Feedback
Product Folder Links: TMS570LS0914



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com