Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0914 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0914
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0914 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS570LS0914 Datasheet HTML 69Page - Texas Instruments TMS570LS0914 Datasheet HTML 70Page - Texas Instruments TMS570LS0914 Datasheet HTML 71Page - Texas Instruments TMS570LS0914 Datasheet HTML 72Page - Texas Instruments TMS570LS0914 Datasheet HTML 73Page - Texas Instruments TMS570LS0914 Datasheet HTML 74Page - Texas Instruments TMS570LS0914 Datasheet HTML 75Page - Texas Instruments TMS570LS0914 Datasheet HTML 76Page - Texas Instruments TMS570LS0914 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 159 page
background image
TMS570LS0914
www.ti.com
SPNS225C – JUNE 2013 – REVISED SEPTEMBER 2015
6.14 Vectored Interrupt Manager
The vectored interrupt manager (VIM) provides hardware assistance for prioritizing and controlling the
many interrupt sources present on this device. Interrupts are caused by events outside of the normal flow
of program execution. Normally, these events require a timely response from the central processing unit
(CPU); therefore, when an interrupt occurs, the CPU switches execution from the normal program flow to
an interrupt service routine (ISR).
6.14.1 VIM Features
The VIM module has the following features:
•
Supports 128 interrupt channels.
–
Provides programmable priority and enable for interrupt request lines.
•
Provides a direct hardware dispatch mechanism for fastest IRQ dispatch.
•
Provides two software dispatch mechanisms when the CPU VIC port is not used.
–
Index interrupt
–
Register vectored interrupt
•
Parity protected vector interrupt table against soft errors.
6.14.2 Interrupt Request Assignments
Table 6-27. Interrupt Request Assignments
Modules
Interrupt Sources
Default VIM Interrupt
Channel
ESM
ESM High level interrupt (NMI)
0
Reserved
Reserved
1
RTI
RTI compare interrupt 0
2
RTI
RTI compare interrupt 1
3
RTI
RTI compare interrupt 2
4
RTI
RTI compare interrupt 3
5
RTI
RTI overflow interrupt 0
6
RTI
RTI overflow interrupt 1
7
RTI
RTI timebase interrupt
8
GIO
GIO interrupt A
9
N2HET1
N2HET1 level 0 interrupt
10
HET TU1
HET TU1 level 0 interrupt
11
MIBSPI1
MIBSPI1 level 0 interrupt
12
LIN
LIN level 0 interrupt
13
MIBADC1
MIBADC1 event group interrupt
14
MIBADC1
MIBADC1 sw group 1 interrupt
15
DCAN1
DCAN1 level 0 interrupt
16
SPI2
SPI2 level 0 interrupt
17
Reserved
Reserved
18
CRC
CRC Interrupt
19
ESM
ESM Low level interrupt
20
SYSTEM
Software interrupt (SSI)
21
CPU
PMU Interrupt
22
GIO
GIO interrupt B
23
N2HET1
N2HET1 level 1 interrupt
24
HET TU1
HET TU1 level 1 interrupt
25
MIBSPI1
MIBSPI1 level 1 interrupt
26
Copyright © 2013–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
73
Submit Documentation Feedback
Product Folder Links: TMS570LS0914



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com