Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0914 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0914
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0914 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS570LS0914 Datasheet HTML 9Page - Texas Instruments TMS570LS0914 Datasheet HTML 10Page - Texas Instruments TMS570LS0914 Datasheet HTML 11Page - Texas Instruments TMS570LS0914 Datasheet HTML 12Page - Texas Instruments TMS570LS0914 Datasheet HTML 13Page - Texas Instruments TMS570LS0914 Datasheet HTML 14Page - Texas Instruments TMS570LS0914 Datasheet HTML 15Page - Texas Instruments TMS570LS0914 Datasheet HTML 16Page - Texas Instruments TMS570LS0914 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 159 page
background image
TMS570LS0914
www.ti.com
SPNS225C – JUNE 2013 – REVISED SEPTEMBER 2015
4.2.1
PGE Package Terminal Functions
4.2.1.1
Multibuffered Analog-to-Digital Converters (MibADC)
Table 4-1. PGE Multibuffered Analog-to-Digital Converters (MibADC1, MibADC2)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
144
PGE
ADREFHI(1)
66
Power
–
None
ADC high reference
supply
ADREFLO(1)
67
Power
ADC low reference supply
VCCAD(1)
69
Power
Operating supply for ADC
VSSAD(1)
68
Ground
AD1EVT
86
I/O
Pulldown
Programmable,
ADC1 event trigger input,
20 µA
or GIO
MIBSPI3NCS[0]/AD2EVT/GIOB[2]/
55
I/O
Pullup
Programmable,
ADC2 event trigger input,
EQEP1I/N2HET2_PIN_nDIS
20 µA
or GIO
AD1IN[0]
60
Input
–
None
ADC1 analog input
AD1IN[01]
71
AD1IN[02]
73
AD1IN[03]
74
AD1IN[04]
76
AD1IN[05]
78
AD1IN[06]
80
AD1IN[07]
61
AD1IN[08] / AD2IN[08]
83
Input
–
None
ADC1/ADC2 shared
analog inputs
AD1IN[09] / AD2IN[09]
70
AD1IN[10] / AD2IN[10]
72
AD1IN[11] / AD2IN[11]
75
AD1IN[12] / AD2IN[12]
77
AD1IN[13] / AD2IN[13]
79
AD1IN[14] / AD2IN[14]
82
AD1IN[15] / AD2IN[15]
85
AD1IN[16] / AD2IN[0]
58
AD1IN[17] / AD2IN[01]
59
AD1IN[18] / AD2IN[02]
62
AD1IN[19] / AD2IN[03]
63
AD1IN[20] / AD2IN[04]
64
AD1IN[21] / AD2IN[05]
65
AD1IN[22] / AD2IN[06]
81
AD1IN[23] / AD2IN[07]
84
MIBSPI3SOMI[0]/AWM1_EXT_ENA/ECAP2
51
Output
Pullup
–
AWM1 external analog
mux enable
MIBSPI3SIMO[0]/AWM1_EXT_SEL[0]/ECAP3
52
Output
Pullup
–
AWM1 external analog
mux select line0
MIBSPI3CLK/AWM1_EXT_SEL[1]/EQEP1A
53
Output
Pullup
–
AWM1 external analog
mux select line0
(1)
The ADREFHI, ADREFLO, VCCAD and VSSAD connections are common for both ADC cores.
Copyright © 2013–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
13
Submit Documentation Feedback
Product Folder Links: TMS570LS0914



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com