Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2802 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV2802
Description  Low Harmonic Distortion, 32-Channel SPST
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2802 Datasheet(HTML) 5 Page - Microchip Technology

  HV2802 Datasheet HTML 1Page - Microchip Technology HV2802 Datasheet HTML 2Page - Microchip Technology HV2802 Datasheet HTML 3Page - Microchip Technology HV2802 Datasheet HTML 4Page - Microchip Technology HV2802 Datasheet HTML 5Page - Microchip Technology HV2802 Datasheet HTML 6Page - Microchip Technology HV2802 Datasheet HTML 7Page - Microchip Technology HV2802 Datasheet HTML 8Page - Microchip Technology HV2802 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
 2015 Microchip Technology Inc.
DS20005449A-page 5
HV2802/HV2902
Average VPP Supply
Current
IPP
—14
—
—14—
14
mA
VPP = +40V, VNN = -160V
All output switches are turning
on and off at 50 kHz with no load
—14
—
—14—
14
VPP = +100V, VNN = -100V
All output switches are turning
on and off at 50 kHz with no load
—14
—
—14—
14
VPP = +160V, VNN = -40V
All output switches are turning
on and off at 50 kHz with no load
Average VNN Supply
Current
INN
—14
—
—14—
14
mA
VPP = +40V, VNN = -160V
All output switches are turning
on and off at 50 kHz with no load
—14
—
—14—
14
VPP = +100V, VNN = -100V
All output switches are turning
on and off at 50 kHz with no load
—14
—
—14—
14
VPP = +160V, VNN = -40V
All output switches are turning
on and off at 50 kHz with no load
Average VDD Supply
Current
IDD
—8—
—
8—8
mA
fCLK =5.0 MHz, VDD =5.0V
Quiescent VDD
Supply Current
IDDQ
—10
—
—10—
10
µA
All logic inputs are static
Data Out Source
Current
ISOR
0.45
—
0.45 0.70
—
0.40
—
mA
VOUT =VDD -0.7V
Data Out Sink Current
ISINK
0.45
—
0.45 0.70
—
0.40
—
mA
VOUT =0.7V
Logic Input
Capacitance (Note 2)
CIN
—10
—
—10—
10
pF
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise specified, VDD = 5.0V, VPP = +100V, VNN = -100V, Specification at 0°C
and 70°C based on characterization and not 100% tested.
Parameters
Symbol
0°C
+25°C
+70°C
Units
Conditions
Min. Max. Min. Typ. Max. Min. Max.
Note 1:
Specification is obtained by characterization and is not 100% tested.
2:
Design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com