Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2802 Datasheet(PDF) 1 Page - Microchip Technology

Part # HV2802
Description  Low Harmonic Distortion, 32-Channel SPST
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2802 Datasheet(HTML) 1 Page - Microchip Technology

  HV2802 Datasheet HTML 1Page - Microchip Technology HV2802 Datasheet HTML 2Page - Microchip Technology HV2802 Datasheet HTML 3Page - Microchip Technology HV2802 Datasheet HTML 4Page - Microchip Technology HV2802 Datasheet HTML 5Page - Microchip Technology HV2802 Datasheet HTML 6Page - Microchip Technology HV2802 Datasheet HTML 7Page - Microchip Technology HV2802 Datasheet HTML 8Page - Microchip Technology HV2802 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2015 Microchip Technology Inc.
DS20005449A-page 1
HV2802/HV2902
Features
• 32-Channel SPST (Single-Pole, Single-Throw)
High-Voltage Analog Switch
• 3.3V or 5.0V CMOS Input Logic Level
• 20 MHz Data Shift Clock Frequency
• High-Voltage CMOS (HVCMOS) Technology for
High Performance
• Very Low Quiescent Power Dissipation (10 µA)
• Low Parasitic Capacitance
• DC to 50 MHz Analog Signal Frequency
• -60 dB Typical OFF-Isolation at 5.0 MHz
• CMOS Logic Circuitry for Low Power
• Excellent Noise Immunity
• Cascadable Serial Data Register with Latches
• Flexible Operating Supply Voltages
• Integrated Bleed Resistors on the Outputs
(HV2902 only)
Applications
• Medical Ultrasound Imaging
• Non-Destructive Testing (NDT) Metal Flaw
Detection
• Piezoelectric Transducer Drivers
• Inkjet Printer Heads
• Optical MEMS Modules
General Description
The HV2802 and HV2902 are low-charge injection,
32-channel, high-voltage analog switches intended for
use in applications requiring high-voltage switching
controlled by low-voltage control signals, such as
medical ultrasound imaging, driving piezoelectric
transducers and printers. The HV2902 has integrated
bleed resistors which eliminate voltage build-up on
capacitive loads such as piezoelectric transducers.
Input data are shifted into a 32-bit shift register that can
then be retained in a 32-bit latch. To reduce any
possible clock feedthrough noise, the latch enable bar
should be left high until all bits are clocked in. Data are
clocked in during the rising edge of the clock. Using the
HVCMOS
technology,
this
device
combines
high-voltage bilateral DMOS switches and low-power
CMOS logic to provide efficient control of high-voltage
analog signals.
The device is suitable for various combinations of
high-voltage supplies, e.g., VPP/VNN: +40V/-160V,
+100V/-100V and +160V/-40V.
Package Type
*
See Section 2.0 “Package Pin Configurations and
Functions Description”
HV2802/HV2902
9x9x1.0 mm VFBGA*
Top View
13
12
11
10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
N
Low Harmonic Distortion, 32-Channel SPST,
High-Voltage Analog Switch


Similar Part No. - HV2802

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2801 SUTEX-HV2801 Datasheet
1Mb / 9P
Low Charge Injection 32-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2803 MICROCHIP-HV2803 Datasheet
1,014Kb / 32P
No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
Revision C May 2019
HV2803/AHA MICROCHIP-HV2803/AHA Datasheet
1,014Kb / 32P
No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
Revision C May 2019
logo
Supertex, Inc
HV2808 SUTEX-HV2808 Datasheet
661Kb / 7P
Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch IC
HV2808K6-G SUTEX-HV2808K6-G Datasheet
661Kb / 7P
Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch IC
More results

Similar Description - HV2802

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2733 SUTEX-HV2733 Datasheet
809Kb / 8P
16-Channel, Low Harmonic Distortion, High Voltage Analog Switch with Bleed Resistors
HV2808 SUTEX-HV2808 Datasheet
661Kb / 7P
Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch IC
HV2809 SUTEX-HV2809 Datasheet
791Kb / 7P
Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch Relay Replacement IC
HV2605 SUTEX-HV2605 Datasheet
881Kb / 8P
Low Harmonic Distortion 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2662 MICROCHIP-HV2662 Datasheet
614Kb / 16P
Low Harmonic Distortion, 24-Channel SPST High Voltage Analog Switch
07/14/15
logo
SHANGHAI BELLING CO., L...
BL4684C BELLING-BL4684C Datasheet
166Kb / 7P
Low Total Harmonic Distortion
logo
Mixed Signal Integratio...
MSTHDA MSI-MSTHDA Datasheet
120Kb / 8P
Total Harmonic Distortion Analyzer
logo
Microchip Technology
HV2605 MICROCHIP-HV2605 Datasheet
474Kb / 30P
16-Channel Low Harmonic Distortion High-Voltage Analog Switches
Revision C (May 2022)
HV2803 MICROCHIP-HV2803 Datasheet
1,014Kb / 32P
No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
Revision C May 2019
logo
Nexperia B.V. All right...
PESD24VY1BSF NEXPERIA-PESD24VY1BSF Datasheet
157Kb / 7P
Very low harmonic distortion bidirectional ESD protection diode
15 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com