Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2802 Datasheet(PDF) 6 Page - Microchip Technology

Part # HV2802
Description  Low Harmonic Distortion, 32-Channel SPST
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2802 Datasheet(HTML) 6 Page - Microchip Technology

Back Button HV2802 Datasheet HTML 2Page - Microchip Technology HV2802 Datasheet HTML 3Page - Microchip Technology HV2802 Datasheet HTML 4Page - Microchip Technology HV2802 Datasheet HTML 5Page - Microchip Technology HV2802 Datasheet HTML 6Page - Microchip Technology HV2802 Datasheet HTML 7Page - Microchip Technology HV2802 Datasheet HTML 8Page - Microchip Technology HV2802 Datasheet HTML 9Page - Microchip Technology HV2802 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
HV2802/HV2902
DS20005449A-page 6
 2015 Microchip Technology Inc.
AC ELECTRICAL CHARACTERISTICS
Electrical Specifications
: Unless otherwise specified, VDD =5.0V, VPP = +100V, VNN = -100V, Specification at 0°C and
70°C based on characterization and not 100% tested.
Parameters
Symbol
0°C
+25°C
+70°C
Units
Conditions
Min. Max. Min. Typ. Max. Min. Max.
Set Up Time Before LE Rises
(Note 1)
tSD
25
—25
—
—25—
ns
Time Width of LE (Note 1)tWLE
56
—56
—
—56—
ns
VDD =3.0V
12
—12
—
—12—
VDD =5.0V
Clock Delay Time to Data Out
(Note 1)
tDO
840819
40
8
40
ns
VDD =3.0V
830815
30
8
30
VDD =5.0V
Time Width of CLR (Note 1)tWCLR
55
—55
—
—55—
ns
Set Up Time Data to Clock
(Note 1)
tSU
21
—21
—
—21—
ns
VDD =3.0V
7—7—
—
7
—
VDD =5.0V
Hold Time Data from Clock
(Note 1)
tH
5—5—
—
5
—
ns
VDD =3.0V
7—7—
—
7
—
VDD =5.0V
Clock Frequency
fCLK
—8
—
—
8
—
8
MHz VDD =3.0V
—20—
—20—
20
VDD =5.0V
Clock Rise and Fall Times
tR, tF
—50—
—50—
50
ns
Turn ON Time
tON
—5
—
—
5
—
5
µs
VSIG = VPP -10V,
RLOAD = 10 k
Turn OFF Time
tOFF
—5
—
—
5
—
5
Maximum VSIG Slew Rate
(Note 1)
dv/dt
—
—
—
—
20
—
—
V/ns VPP = +40V, VNN = -160V
———
—
20
—
—
VPP = +100V, VNN = -100V
———
—
20
—
—
VPP = +160V, VNN = -40V
OFF Isolation (Note 1)KO
———
-33
-30
——
dB
f= 5.0 MHz,
1.0 k
ǁ 15 pF load
———
-60
-58
——
f = 5.0 MHz,
50
 load
Switch Crosstalk (Note 1)KCR
—
—
—
-70
-60
—
—
dB
f = 5.0 MHz,
50
 load
Output Switch Isolation Diode
Current (Note 1)
IID
—
—
—
—
300
—
—
mA
300 ns pulse width,
2.0% duty cycle
Off Capacitance SW to GND
(Note 1)
CSG(OFF) —
—
—
10
15
—
—
pF
0V, f = 1.0 MHz
On Capacitance SW to GND
(Note 1)
CSG(ON)
———
13
18
——
Output Voltage Spike SWA,
SWB (Note 1)
+VSPK
———
—
+150
——
mV
VPP = +40V, VNN = -160V
RLOAD = 50
-VSPK
——
-150
————
+VSPK
———
—
+150
——
VPP = +100V, VNN = -100V
RLOAD = 50
-VSPK
——
-150
————
+VSPK
———
—
+150
——
VPP = +160V, VNN = -40V
RLOAD = 50
-VSPK
——
-150
————
Charge Injection
(per switch) (Note 1)
QC
———
820
———
pC
VPP = +40V, VNN = -160V
———
600
———
VPP = +100V, VNN = -100V
———
350
———
VPP = +160V, VNN = -40V
Note 1:
Specification is obtained by characterization and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com