Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331T-E/CH Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP16331T-E/CH
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331T-E/CH Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP16331T-E/CH Datasheet HTML 5Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 6Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 7Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 8Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 9Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 10Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 11Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 12Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
 2014 Microchip Technology Inc.
DS20005308B-page 9
MCP16331
Note:
Unless otherwise indicated, VIN = EN = 12V, COUT = CIN = 2 X10 µF, L = 15 µH, VOUT = 3.3V, ILOAD = 100 mA,
TA = +25°C, 6-Lead SOT-23 package.
FIGURE 2-24:
Heavy Load Switching
Waveforms.
FIGURE 2-25:
Light Load Switching
Waveforms.
FIGURE 2-26:
Startup from VIN.
FIGURE 2-27:
Startup from EN.
FIGURE 2-28:
Load Transient Response.
FIGURE 2-29:
Line Transient Response.
VIN = 12V
VOUT =3.3V
IOUT = 300 mA
2µs/div
VOUT
20 mV/div
AC coupled
IL
200 mA/div
SW
10V/div
VIN = 48V
VOUT =3.3V
IOUT =5 mA
VOUT
20 mV/div
AC coupled
IL
50 mA/div
SW
20V/div
10 µs/div
VIN = 36V
VOUT =3.3V
IOUT =200 mA
VOUT
1V/div
VIN
20V/div
80 µs/div
VOUT
1V/div
VIN =12V
VOUT =3.3V
IOUT = 200 mA
80 µs/div
EN
2V/div
VIN =12V
VOUT =3.3V
Load Step from
100 mA to 500 mA
VOUT
50 mV/div
AC coupled
200 µs/div
IOUT
200 mA/div
VOUT =3.3V
IOUT = 200 mA
Line Step from
5V to 24V
200 µs/div
VOUT
100 mV/div
AC coupled
VIN
10V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com