Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331T-E/CH Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP16331T-E/CH
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331T-E/CH Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP16331T-E/CH Datasheet HTML 9Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 10Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 11Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 12Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 13Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 14Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 15Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 16Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
 2014 Microchip Technology Inc.
DS20005308B-page 13
MCP16331
FIGURE 4-1:
MCP16331 Block Diagram.
4.2
Functional Description
4.2.1
STEP-DOWN OR BUCK
CONVERTER
The MCP16331 is a non-synchronous, step-down or
buck converter capable of stepping input voltages
ranging from 4.4V to 50V down to 2.0V to 24V for
VIN > VOUT.
The integrated high side switch is used to chop or
modulate the input voltage using a controlled duty cycle
for output voltage regulation. High efficiency is
achieved by using a low-resistance switch, low forward
drop diode, low equivalent series resistance, inductor
and capacitor. When the switch is turned on, a DC
voltage is applied across the inductor (VIN - VOUT),
resulting in a positive linear ramp of inductor current.
When the switch turns off, the applied inductor voltage
is equal to -VOUT, resulting in a negative linear ramp of
inductor current (ignoring the forward drop of the
Schottky diode).
For
steady-state,
continuous
inductor
current
operation, the positive inductor current ramp must
equal the negative current ramp in magnitude. While
operating in steady state, the switch duty cycle must be
equal to the relationship of VOUT/VIN for constant
output voltage regulation, under the condition that the
inductor current is continuous, or never reaches zero.
For discontinuous inductor current operation, the
steady-state duty cycle will be less than VOUT/VIN to
maintain voltage regulation. The average of the
chopped input voltage or SW node voltage is equal to
the output voltage, while the average of the inductor
current is equal to the output current.
Schottky
Diode
COUT
CBOOST
Slope
Comp
PWM
Latch
+
-
Overtemp
Precharge
R
Comp
Amp
+
-
CCOMP
RCOMP
HS
Drive
CS
VREG
BG
REF
SS
VREF
OVERTEMP
Boost
Pre
Charge
500 kHz OSC
S
VOUT
VOUT
RSENSE
GND
Boost Diode
VIN
EN
RTOP
RBOT
BOOST
SW
GND
FB
VREF
SHDN all blocks
+
-
CIN
+
+
L
Note: EN has an internal pull up, so the device will start even if the EN pin is left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com