Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331T-E/CH Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP16331T-E/CH
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331T-E/CH Datasheet(HTML) 1 Page - Microchip Technology

  MCP16331T-E/CH Datasheet HTML 1Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 2Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 3Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 4Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 5Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 6Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 7Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 8Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2014 Microchip Technology Inc.
DS20005308B-page 1
MCP16331
Features:
• Up to 96% Efficiency
• Input Voltage Range: 4.4V to 50V
• Output Voltage Range: 2.0V to 24V
• 2% Output Voltage Accuracy
• Qualification: AEC-Q100 Rev. G, Grade 1(-40oC
to 125oC)
• Integrated N-Channel Buck Switch: 600 m
• Minimum 500 mA Output Current Over All Input
Voltage Range (See Figure 2-9 for Maximum
Output Current vs. VIN)
- Up to 1.2A Output Current at 3.3V and 5V
VOUT, VIN>12V, SOT-23 package at 25oC
ambient temperature
- Up to 0.8A Output Current at 12V VOUT,
VIN>18V, SOT-23 package at 25oC ambient
temperature
•500 kHz Fixed Frequency
• Adjustable Output Voltage
• Low Device Shutdown Current
• Peak Current Mode Control
• Internal Compensation
• Stable with Ceramic Capacitors
• Internal Soft-Start
• Internal Pull-Up on EN
• Cycle-by-Cycle Peak Current Limit
• Undervoltage Lockout (UVLO): 4.1V to Start;
3.6V to Stop
• Overtemperature Protection
• Available Package: 6-Lead SOT-23, 8-Lead 2x3
TDFN
Applications:
•PIC® MCU/dsPIC® DSC Microcontroller Bias
Supply
• 48V, 24V and 12V Industrial Input DC-DC
Conversion
• Set-Top Boxes
• DSL Cable Modems
• Automotive
• AC/DC Adapters
• SLA Battery Powered Devices
• AC-DC Digital Control Power Source
• Power Meters
•Consumer
• Medical and Health Care
• Distributed Power Supplies
General Description:
The MCP16331 is a highly integrated, high-efficiency,
fixed frequency, step-down DC-DC converter in a
popular 6-pin SOT-23 or 8-pin TDFN 2x3 package that
operates from input voltage sources up to 50V.
Integrated features include a high side switch, fixed
frequency Peak Current Mode Control, internal
compensation, peak current limit and overtemperature
protection.
Minimal
external
components
are
necessary to develop a complete step-down DC-DC
converter power supply.
High converter efficiency is achieved by integrating the
current-limited, low-resistance, high-speed N-Channel
MOSFET and associated drive circuitry. High switching
frequency minimizes the size of external filtering
components resulting in a small solution size.
The MCP16331 can supply 500 mA of continuous
current while regulating the output voltage from 2.0V to
24V. An integrated, high-performance peak current
mode architecture keeps the output voltage tightly
regulated, even during input voltage steps and output
current transient conditions that are common in power
systems.
The EN input is used to turn the device on and off.
While off, only a few µA of current are consumed from
the input for power shedding and load distribution
applications. This pin is internally pulled up, so the
device will start even if the EN pin is left floating.
Output voltage is set with an external resistor divider.
The MCP16331 is offered in a space saving 6-Lead
SOT-23 and 8-Lead 2x3 TDFN surface mount package.
Package Type
MCP16331
6-Lead SOT-23
MCP16331
8-Lead 2x3 TDFN*
VFB
GND
EN
1
2
3
6
4
SW
BOOST
5
VIN
NC
EN
NC
1
2
3
4
8
7
6
5
SW
EP
9
VIN
BOOST
VFB
GND
* Includes Exposed Thermal Pad (EP); see Table 3-1
High-Voltage Input Integrated Switch Step-Down Regulator


Similar Part No. - MCP16331T-E/CH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16331T-E/CH MICROCHIP-MCP16331T-E/CH Datasheet
1Mb / 48P
High-Voltage Input Integrated Switch Step-Down Regulator
Revision D January 2021
MCP16331T-E/CHVAO MICROCHIP-MCP16331T-E/CHVAO Datasheet
1Mb / 48P
High-Voltage Input Integrated Switch Step-Down Regulator
Revision D January 2021
More results

Similar Description - MCP16331T-E/CH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8447 ALLEGRO-A8447 Datasheet
371Kb / 9P
High Voltage Step Down Regulator
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
High Voltage Step-Down Regulator
logo
Microchip Technology
MCP16301 MICROCHIP-MCP16301 Datasheet
974Kb / 38P
High Voltage Input Integrated Switch Step-Down Regulator
2011
logo
Allegro MicroSystems
A4447_V ALLEGRO-A4447_V Datasheet
351Kb / 12P
High Voltage Step Down Regulator
logo
Microchip Technology
MCP16301 MICROCHIP-MCP16301_12 Datasheet
1Mb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
2011-2012 10/26/12
MCP16311 MICROCHIP-MCP16311 Datasheet
954Kb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16301 MICROCHIP-MCP16301_15 Datasheet
1Mb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
01/27/15
MCP16301 MICROCHIP-MCP16301_V01 Datasheet
783Kb / 38P
High-Voltage Input Integrated Switch Step-Down Regulator
Revision E January 2021
MCP16311 MICROCHIP-MCP16311_V01 Datasheet
1Mb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
Revision C July 2019
MCP16331 MICROCHIP-MCP16331_V01 Datasheet
1Mb / 48P
High-Voltage Input Integrated Switch Step-Down Regulator
Revision D January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com