Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC549 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 18Page - Texas Instruments TMS320VC549 Datasheet HTML 19Page - Texas Instruments TMS320VC549 Datasheet HTML 20Page - Texas Instruments TMS320VC549 Datasheet HTML 21Page - Texas Instruments TMS320VC549 Datasheet HTML 22Page - Texas Instruments TMS320VC549 Datasheet HTML 23Page - Texas Instruments TMS320VC549 Datasheet HTML 24Page - Texas Instruments TMS320VC549 Datasheet HTML 25Page - Texas Instruments TMS320VC549 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 118 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory (continued)
Memory-Mapped
Registers
Program
Hex
Data
External
Program
On-Chip DARAM
(OVLY = 1)
or
External
(OVLY = 0)
External
MP / MC = 0
(Microcomputer Mode)
MP / MC = 1
(Microprocessor Mode)
0000
007F
0080
13FF
1400
FFFF
005F
0060
007F
0080
External
On-Chip DARAM
(5K Words)
Reserved
(OVLY = 1)
or
External
(OVLY = 0)
Interrupts and
Reserved
(External)
FF80
Reserved
(OVLY = 1)
or
External
(OVLY = 0)
On-Chip DARAM
(OVLY = 1)
or
External
(OVLY = 0)
On-Chip ROM
(28K Words)
Interrupts and
Reserved
(On-Chip)
Scratch-Pad RAM
8FFF
9000
On-Chip ROM
(DROM = 1)
or
External (DROM = 0)
Reserved (DROM = 1)
or
External (DROM = 0)
13FF
1400
007F
0080
13FF
1400
FFFF
DFFF
E000
FFFF
FF00
Hex
0000
Hex
0000
FF7F
FF80
FF7F
FEFF
Figure 1. Memory Map (’541 only)
Memory-Mapped
Registers
Program
Hex
Data
Reserved
Program
External
MP / MC = 0
(Microcomputer Mode)
MP / MC = 1
(Microprocessor Mode)
0000
007F
0080
27FF
2800
FFFF
0000
007F
0080
FFFF
0000
005F
0060
007F
0080
FFFF
27FF
2800
External
On-Chip DARAM
(10K Words)
Hex
Hex
Reserved (OVLY=1)
or
External (OVLY=0)
Interrupts and
Reserved
(External)
FF80
Reserved (OVLY=1)
or
External (OVLY=0)
On-Chip DARAM
(OVLY=1)
or
External (OVLY=0)
EFFF
F000
On-Chip ROM
(2K Words)
Interrupts and
Reserved
(On-Chip)
FF80
Scratch-Pad RAM
F800
27FF
2800
External
On-Chip DARAM
(OVLY=1)
or
External (OVLY=0)
FF7F
FF7F
F7FF
Figure 2. Memory Map (’542 and ’543 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com